Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5975AD Datasheet(PDF) 40 Page - STMicroelectronics

Part # A5975AD
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975AD Datasheet(HTML) 40 Page - STMicroelectronics

Back Button A5975AD Datasheet HTML 36Page - STMicroelectronics A5975AD Datasheet HTML 37Page - STMicroelectronics A5975AD Datasheet HTML 38Page - STMicroelectronics A5975AD Datasheet HTML 39Page - STMicroelectronics A5975AD Datasheet HTML 40Page - STMicroelectronics A5975AD Datasheet HTML 41Page - STMicroelectronics A5975AD Datasheet HTML 42Page - STMicroelectronics A5975AD Datasheet HTML 43Page - STMicroelectronics A5975AD Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
Application information
A5975AD
40/50
Doc ID 018761 Rev 1
Figure 29.
350 mA LED boost current source
The device is powered from the output voltage so the maximum voltage drop across the
LEDs and resistor sense is 36 V.
The output voltage is given by:
Equation 42
where the ideal duty cycle D for the boost converter is:
Equation 43
As for positive and inverting buck-boost (see Section 8.7 and Section 8.8.) the measured
real duty cycle must be used to calculate the switch current level.
The peak current flowing in the embedded switch is:
Equation 44
while its average current is equal to:
Equation 45
This is due to the fact that the current flowing through the internal power switch is delivered
to the output only during the OFF phase.
V
OUT
V
IN
1D
–
-------------
=
D
V
OUT
V
IN
–
V
OUT
------------------------------
=
I
SW
I
LOAD
1D
–
---------------
I
RIPPLE
2
--------------------
+
I
LOAD
1D
–
---------------
V
IN
2L
⋅
-----------
D
f
SW
---------
⋅
+
==
I
SW
I
LOAD
1D
–
---------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com