Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5975AD Datasheet(PDF) 17 Page - STMicroelectronics

Part # A5975AD
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975AD Datasheet(HTML) 17 Page - STMicroelectronics

Back Button A5975AD Datasheet HTML 13Page - STMicroelectronics A5975AD Datasheet HTML 14Page - STMicroelectronics A5975AD Datasheet HTML 15Page - STMicroelectronics A5975AD Datasheet HTML 16Page - STMicroelectronics A5975AD Datasheet HTML 17Page - STMicroelectronics A5975AD Datasheet HTML 18Page - STMicroelectronics A5975AD Datasheet HTML 19Page - STMicroelectronics A5975AD Datasheet HTML 20Page - STMicroelectronics A5975AD Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
A5975AD
Functional description
Doc ID 018761 Rev 1
17/50
Figure 8.
Driving circuitry
5.7
Inhibit function
The inhibit feature is used to put the device in standby mode. With the INH pin higher than
2.2 V, the device is disabled and the power consumption is reduced to less than 100 µA.
With the INH pin lower than 0.8 V, the device is enabled. If the INH pin is left floating, an
internal pull-up ensures that the voltage at the pin reaches the inhibit threshold and the
device is disabled. The pin is also VCC compatible.
5.8
Thermal shutdown
The shutdown block generates a signal that turns off the power stage if the temperature of
the chip goes higher than a fixed internal threshold (150±10 °C). The sensing element of the
chip is very close to the PDMOS area, ensuring fast and accurate temperature detection. A
hysteresis of approximately 20 °C keeps the device from turning on and off continuously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com