Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5975AD Datasheet(PDF) 30 Page - STMicroelectronics

Part # A5975AD
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975AD Datasheet(HTML) 30 Page - STMicroelectronics

Back Button A5975AD Datasheet HTML 26Page - STMicroelectronics A5975AD Datasheet HTML 27Page - STMicroelectronics A5975AD Datasheet HTML 28Page - STMicroelectronics A5975AD Datasheet HTML 29Page - STMicroelectronics A5975AD Datasheet HTML 30Page - STMicroelectronics A5975AD Datasheet HTML 31Page - STMicroelectronics A5975AD Datasheet HTML 32Page - STMicroelectronics A5975AD Datasheet HTML 33Page - STMicroelectronics A5975AD Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
Application information
A5975AD
30/50
Doc ID 018761 Rev 1
Figure 15.
Power losses estimation (VIN = 5 V, fSW = 500 kHz)
The red trace represents the maximum power which can be taken away, as calculated
above, whilst the other traces are the total internal losses for different output voltage.
The embedded conduction losses are proportional to the duty cycle required for the
conversion. Assuming the input voltage constant, the switching losses are proportional to
the output current while the quiescent losses can be considered as constant.
As a consequence, in Figure 15, the maximum power loss is for VOUT=3.3 V, where the
system can manage a continuous output current up to 2.4 A. The device could deliver a
continuous output current up to 2.5 A to the load, however, the maximum power loss of 2.5
W is reached with an output current of 2.4 A, so the maximum output power is derated.
Figure 16 plots the power losses for VIN=12 V and the main output rails.
Figure 16.
Power losses estimation (VIN = 12 V, fSW = 500 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com