Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5975AD Datasheet(PDF) 21 Page - STMicroelectronics

Part # A5975AD
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975AD Datasheet(HTML) 21 Page - STMicroelectronics

Back Button A5975AD Datasheet HTML 17Page - STMicroelectronics A5975AD Datasheet HTML 18Page - STMicroelectronics A5975AD Datasheet HTML 19Page - STMicroelectronics A5975AD Datasheet HTML 20Page - STMicroelectronics A5975AD Datasheet HTML 21Page - STMicroelectronics A5975AD Datasheet HTML 22Page - STMicroelectronics A5975AD Datasheet HTML 23Page - STMicroelectronics A5975AD Datasheet HTML 24Page - STMicroelectronics A5975AD Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
A5975AD
Closing the loop
Doc ID 018761 Rev 1
21/50
Equation 4
whereas the zero is defined as:
Equation 5
FP1 is the low frequency which sets the bandwidth, while the zero FZ1 is usually put near to
the frequency of the double pole of the LC filter (see below). FP2 is usually at a very high
frequency.
7.2
LC filter
The transfer function of the LC filter is given by:
Equation 6
where RLOAD is defined as the ratio between VOUT and IOUT.
If RLOAD>>ESR, the previous expression of ALC can be simplified and becomes:
Equation 7
The zero of this transfer function is given by:
Equation 8
F0 is the zero introduced by the ESR of the output capacitor and it is very important to
increase the phase margin of the loop.
The poles of the transfer function can be calculated through the following expression:
Equation 9
In the denominator of ALC the typical second order system equation can be recognized:
Equation 10
If the damping coefficient
δ is very close to zero, the roots of the equation become a double
root whose value is
ω
n.
F
P2
1
2
π R
c
C
0
C
p
+
()
⋅⋅
----------------------------------------------------
=
F
Z1
1
2
π R
c
C
c
⋅⋅
---------------------------------
=
A
LC s
()
R
LOAD
1ESR C
OUT
s
⋅⋅
+
()
s
2
LC
OUT
ESR
R
LOAD
+
() sESR C
OUT
R
LOAD
L
+
⋅⋅
() R
LOAD
+
+
⋅⋅
---------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=
A
LC s
()
1ESR C
OUT
s
⋅⋅
+
LC
OUT
s
2
ESR C
OUT
s1
+
⋅⋅
+
⋅⋅
-----------------------------------------------------------------------------------------
=
F
O
1
2
π ESR C
OUT
⋅⋅
------------------------------------------------
=
F
PLC1 2
,
ESR C
OUT
ESR C
OUT
()
2
4L C
OUT
⋅⋅
±
2LC
OUT
⋅⋅
----------------------------------------------------------------------------------------------------------------------------------------
=
s
2
2
δω
n
s
ω
2
n
+
⋅⋅
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com