Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5975AD Datasheet(PDF) 13 Page - STMicroelectronics

Part # A5975AD
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975AD Datasheet(HTML) 13 Page - STMicroelectronics

Back Button A5975AD Datasheet HTML 9Page - STMicroelectronics A5975AD Datasheet HTML 10Page - STMicroelectronics A5975AD Datasheet HTML 11Page - STMicroelectronics A5975AD Datasheet HTML 12Page - STMicroelectronics A5975AD Datasheet HTML 13Page - STMicroelectronics A5975AD Datasheet HTML 14Page - STMicroelectronics A5975AD Datasheet HTML 15Page - STMicroelectronics A5975AD Datasheet HTML 16Page - STMicroelectronics A5975AD Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
A5975AD
Functional description
Doc ID 018761 Rev 1
13/50
The synchronization feature of a set of the A5975AD is simply obtained by connecting
together their SYNCH pins. The device with the highest switching frequency is the master
which provides the synchronization signal to the others. Therefore the SYNCH is an I/O pin
to deliver or recognize a frequency signal. The synchronization circuitry is powered by the
internal reference (VREF) so a small filtering capacitor (≥ 100 nF) connected between the
VREF pin and the signal ground of the master device is recommended for its proper
operation. However, when a set of synchronized devices populates a board it is not possible
to know in advance the one working as master, so the filtering capacitor must be designed
for a whole set of devices.
When one or more devices are synchronized to an external signal, its amplitude must be in
compliance with specifications given in Table 4. The frequency of the synchronization signal
must be, at a minimum, higher than the maximum guaranteed natural switching frequency of
the device (275 kHz, see Table 4) while the duty cycle of the synchronization signal can vary
from approximately 10% to 90%. The small capacitor under VREF pin is required for this
operation.
Figure 5.
Oscillator circuit block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com