Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5975AD Datasheet(PDF) 31 Page - STMicroelectronics

Part # A5975AD
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975AD Datasheet(HTML) 31 Page - STMicroelectronics

Back Button A5975AD Datasheet HTML 27Page - STMicroelectronics A5975AD Datasheet HTML 28Page - STMicroelectronics A5975AD Datasheet HTML 29Page - STMicroelectronics A5975AD Datasheet HTML 30Page - STMicroelectronics A5975AD Datasheet HTML 31Page - STMicroelectronics A5975AD Datasheet HTML 32Page - STMicroelectronics A5975AD Datasheet HTML 33Page - STMicroelectronics A5975AD Datasheet HTML 34Page - STMicroelectronics A5975AD Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
A5975AD
Application information
Doc ID 018761 Rev 1
31/50
At TAMB=40 °C and VIN=12 V, the device is no more thermally limited (see Figure 16).
As a consequence, the calculation of the internal power losses must be done for each
specific operating condition given by the final application.
In applications where the current to the output is pulsed, the thermal impedance should be
considered instead of the thermal resistance.
The thermal impedance of the system could be much lower than the thermal resistance,
which is a static parameter. As a consequence, the maximum power losses can be higher
than 2.5 W if a pulsed output power is requested from the load:
Therefore, depending on the pulse duration and its frequency, the maximum output current
can be delivered to the load.
The characterization of the thermal impedance is strictly dependent on the layout of the
board. In Figure 17 the measurement of the thermal impedance of the demonstration board
of the A5975AD is provided.
Figure 17.
Measurement of the thermal impedance of the demonstration board
As can be seen, for example, for load pulses with a duration of 1 second, the actual thermal
impedance is lower than 20
°C/W. This means that, for short pulses, the device can deliver a
higher output current value.
P
MAX t
()
ΔT
Z
TH t
()
-----------------
T
J MAX
T
AMB
–
Z
TH t
()
--------------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com