Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5975AD Datasheet(PDF) 33 Page - STMicroelectronics

Part # A5975AD
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975AD Datasheet(HTML) 33 Page - STMicroelectronics

Back Button A5975AD Datasheet HTML 29Page - STMicroelectronics A5975AD Datasheet HTML 30Page - STMicroelectronics A5975AD Datasheet HTML 31Page - STMicroelectronics A5975AD Datasheet HTML 32Page - STMicroelectronics A5975AD Datasheet HTML 33Page - STMicroelectronics A5975AD Datasheet HTML 34Page - STMicroelectronics A5975AD Datasheet HTML 35Page - STMicroelectronics A5975AD Datasheet HTML 36Page - STMicroelectronics A5975AD Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
A5975AD
Application information
Doc ID 018761 Rev 1
33/50
This can be understood considering the inductor current ripple during the ON and OFF
phases:
On phase
Equation 29
Off phase
Equation 30
where VD is the voltage drop across the diode, DCRL is the series resistance of the inductor.
In short-circuit conditions VOUT is negligible, so during TOFF the voltage across the inductor
is very small, as equal to the voltage drop across parasitic components (typically the DCR of
the inductor and the VFW of the free-wheeling diode) while during TON, the voltage applied
to the inductor is instead maximized as approximately equal to VIN.
So, Equation 29 and 30 in overcurrent conditions can be simplified to:
Equation 31
considering TON, which has already been reduced to its minimum.
Equation 32
considering that fSW has been already reduced to one third of the nominal.
In case a short-circuit at the output is applied, and VIN = 12 V, the inductor current is
controlled in most of the applications (see Figure 19). When the application must sustain the
short-circuit condition for an extended period, the external components (mainly the inductor
and diode) must be selected based on this value.
In case the VIN is very high, it could occur that the ripple current during TOFF (Equation 32)
does not compensate the current increase during TON (Equation 31). Figure 21 shows an
example of a power-up phase with VIN = VIN MAX = 36 V where ΔIL TON > ΔIL TOFF, so the
current escalates and the balance between Equation 31 and Equation 32 occurs at a current
slightly higher than the current limit. This must be taken into account in particular to avoid
the risk of an abrupt inductor saturation.
I
L TON
Δ
V
IN
V
out
–
DCR
L
R
DS(on)
+
() I
⋅
–
L
-------------------------------------------------------------------------------------- T
ON
()
=
I
L TOFF
Δ
V
D
V
out
DCR
L
I
⋅
++
()
–
L
-------------------------------------------------------------- T
OFF
()
=
I
L TON
Δ
V
IN
DCR
L
R
DS(on)
+
() I
⋅
–
L
------------------------------------------------------------------ T
ON MIN
()
V
IN
L
--------- 250ns
()
≅
=
I
L TOFF
Δ
V
D
V
out
DCR
L
I
⋅
++
()
–
L
-------------------------------------------------------------- 3T
⋅
SW
()
V
D
V
out
DCR
L
I
⋅
++
()
–
L
-------------------------------------------------------------- 12
μs
()
≅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com