Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5975AD Datasheet(PDF) 20 Page - STMicroelectronics

Part # A5975AD
Description  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975AD Datasheet(HTML) 20 Page - STMicroelectronics

Back Button A5975AD Datasheet HTML 16Page - STMicroelectronics A5975AD Datasheet HTML 17Page - STMicroelectronics A5975AD Datasheet HTML 18Page - STMicroelectronics A5975AD Datasheet HTML 19Page - STMicroelectronics A5975AD Datasheet HTML 20Page - STMicroelectronics A5975AD Datasheet HTML 21Page - STMicroelectronics A5975AD Datasheet HTML 22Page - STMicroelectronics A5975AD Datasheet HTML 23Page - STMicroelectronics A5975AD Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
Closing the loop
A5975AD
20/50
Doc ID 018761 Rev 1
7.1
Error amplifier and compensation network
The output LC filter of a step-down converter contributes with 180-degree phase shift in the
control loop. For this reason a compensation network between the COMP pin and GROUND
is added. The simplest compensation network, together with the equivalent circuit of the
error amplifier, are shown in Figure 10. RC and CC introduce a pole and a zero in the open
loop gain. CP does not significantly affect system stability but it is useful to reduce the noise
of the COMP pin.
The transfer function of the error amplifier and its compensation network is:
Equation 2
where Avo = Gm · Ro
Figure 10.
Error amplifier equivalent circuit and compensation network
The poles of this transfer function are (if Cc >> C0+CP):
Equation 3
A
0 s
()
A
V0
1s
+
R
c
C
c
⋅⋅
()
⋅
s
2
R
0
C
0
C
p
+
() R
c
C
c
sR
0
C
c
⋅
R
0
C
0
C
p
+
() R
c
C
c
⋅
+
⋅
+
() 1
+
⋅
+
⋅⋅
⋅
⋅
-----------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=
F
P1
1
2
π R
0
C
c
⋅⋅
⋅
----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com