Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7987L Datasheet(PDF) 9 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L7987L Datasheet HTML 5Page - STMicroelectronics L7987L Datasheet HTML 6Page - STMicroelectronics L7987L Datasheet HTML 7Page - STMicroelectronics L7987L Datasheet HTML 8Page - STMicroelectronics L7987L Datasheet HTML 9Page - STMicroelectronics L7987L Datasheet HTML 10Page - STMicroelectronics L7987L Datasheet HTML 11Page - STMicroelectronics L7987L Datasheet HTML 12Page - STMicroelectronics L7987L Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
DocID026362 Rev 3
9/41
L7987L
Electrical characteristics
41
Enable
VEN
Device OFF level
0.06
0.30
V
Device ON level
0.35
0.90
V
Soft-start
TSSSETUP Soft start setup time
Delay from UVLO rising to switching
activity
(3)
640
µs
ISS CH
CSS charging current
VSS = GND
4.3
5.0
5.7
µA
Error amplifier
VFB
Voltage feedback
0.792 0.800 0.808
V
VFB
Voltage feedback
(1) 0.788 0.800 0.812
V
VCOMPH
VFB = GND; VSS = 3.2 V
3.2
3.35
3.5
V
VCOMPL
VFB = 1 V; VSS = 3.2 V
0.1
V
IFB
FB biasing current
VFB = 3.6 V
5
50
nA
IOSOURCE
VFB = GND; SS pin floating; VCOMP = 2 V (3)
3.1
mA
IOSINK
Output stage sinking
capability
Unity gain buffer configuration (FB
connected to COMP).COMP voltage
variation due to IOSINK injection lower
than ± 0.1
· VFB.
(3)
5mA
AV0
Error amplifier gain
(3)
100
dB
GBWP
Unity gain buffer configuration (FB
connected to COMP). No load on COMP
pin.
(3)
23
MHz
Synchronization (fan out: 5 slave devices max.)
fSYN MIN Synchronization frequency
FSW floating
280
kHz
VSYNOUT Master output amplitude
ILOAD = 4 mA
2.45
V
ILOAD = 0 A; pin SYNCH floating
3.8
VSYNOW Output pulse width
ILOAD = 0 A; pin SYNCH floating
155
225
275
ns
VSYNIH
SYNCH slave high level
input threshold
2.0
V
VSYNIL
SYNCH slave low level input
threshold
1.0
V
ISYN
Slave SYNCH pull-down
current
VSYNCH = 5 V
400
650
900
µA
VSYNIW Input pulse width
200
ns
PGOOD
VPGDTH PGOOD rising threshold
VFB rising
0.67
0.70
0.73
V
VPGDHYST PGOOD hysteresis
VFB falling
(3)
30
mV
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com