Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7987L Datasheet(PDF) 29 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L7987L Datasheet HTML 25Page - STMicroelectronics L7987L Datasheet HTML 26Page - STMicroelectronics L7987L Datasheet HTML 27Page - STMicroelectronics L7987L Datasheet HTML 28Page - STMicroelectronics L7987L Datasheet HTML 29Page - STMicroelectronics L7987L Datasheet HTML 30Page - STMicroelectronics L7987L Datasheet HTML 31Page - STMicroelectronics L7987L Datasheet HTML 32Page - STMicroelectronics L7987L Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
DocID026362 Rev 3
29/41
L7987L
Application information
41
The resultant control loop and other transfer functions gain are shown in Figure 14.
Figure 14. Type III compensation - bode plot
5.5
Thermal considerations
The thermal design is important to prevent the thermal shutdown of the device if junction
temperature goes above 170 °C (typ.). The three different sources of losses within the
device are:
Conduction losses due to the non-negligible RDSON of the power switch; these are
equal to:
Equation 29
PHS,ON = RHS,ON D (IOUT)2
where D is the duty cycle of the application and the maximum RDSON in the full
temperature range is 570 m
. Note that the duty cycle is theoretically given by the ratio
between VOUT and VIN, but actually it is quite higher in order to compensate the losses of
the regulator. So the conduction losses increase compared with the ideal case;
Switching losses due to power MOSFET turn ON and OFF; these can be calculated as:
Equation 30
where TRISE and TFALL are the overlap times of the voltage across the power switch (VDS)
and the current flowing into it during turn ON and turn OFF phases.
PHS SW
VIN IOUT
TRISE TFALL
+

2
-------------------------------------------
fSW VIN IOUT TTR fSW
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com