Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7987L Datasheet(PDF) 37 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L7987L Datasheet HTML 33Page - STMicroelectronics L7987L Datasheet HTML 34Page - STMicroelectronics L7987L Datasheet HTML 35Page - STMicroelectronics L7987L Datasheet HTML 36Page - STMicroelectronics L7987L Datasheet HTML 37Page - STMicroelectronics L7987L Datasheet HTML 38Page - STMicroelectronics L7987L Datasheet HTML 39Page - STMicroelectronics L7987L Datasheet HTML 40Page - STMicroelectronics L7987L Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
DocID026362 Rev 3
37/41
L7987L
Application ideas
41
Figure 26. Negative (or inverting) buck-boost PCB layout (top and bottom)
Equation 33 and Equation 34 for positive buck-boost can be used to program the output
voltage and estimate the working duty cycle, assuming for VOUT a positive voltage. The
other considerations summarized in Section 7.1 are also applied to the inverting buck-boost.
In this topology the device GND is shorted to VOUT, so the resulting voltage stress on the
integrated power MOS is the sum of VIN and VOUT. Consequently, the maximum input
voltage must be lower than:
Equation 39
VIN,MAX = 61 V is the maximum operating input voltage for the L7987L device, as shown in
Table 5: Electrical characteristics on page 8.
Therefore, if the output voltage is -12 V, the maximum operating input voltage is close
to 49 V, if also the freewheeling diode has the same reverse voltage rating.
For control loop stability analysis and compensation, the transfer function model and
considerations summarized in Section 7.1 are also applied to this topology.
O U T
M A X
,
I N
I N
V
V
≤
V
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com