Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7987L Datasheet(PDF) 23 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L7987L Datasheet HTML 19Page - STMicroelectronics L7987L Datasheet HTML 20Page - STMicroelectronics L7987L Datasheet HTML 21Page - STMicroelectronics L7987L Datasheet HTML 22Page - STMicroelectronics L7987L Datasheet HTML 23Page - STMicroelectronics L7987L Datasheet HTML 24Page - STMicroelectronics L7987L Datasheet HTML 25Page - STMicroelectronics L7987L Datasheet HTML 26Page - STMicroelectronics L7987L Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
DocID026362 Rev 3
23/41
L7987L
Application information
41
5.4
Compensation network
The compensation network must assure stability and good dynamic performance. The loop
of the L7987L device is based on the voltage mode control. The error amplifier is an
operational amplifier with high bandwidth. So, by selecting the compensation network the
E/A is considered as ideal, that is, its bandwidth is much larger than the system one.
Figure 10. Switching regulator control loop simplified model
The transfer function of the PWM modulator, from the error amplifier output (COMP pin) to
the LX pin results in an almost constant gain, due to the voltage feed-forward which
generates a sawtooth with amplitude VS directly proportional to the input voltage:
Equation 14
The synchronization of the device with an external clock provided through the SYNCH pin
can modify the PWM modulator gain (see Section 4.1 on page 11 to understand how this
gain changes and how to keep it constant in spite of the external synchronization).
GPWO
VIN
VS
---------
=
1
kFF
---------
30
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com