Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7987L Datasheet(PDF) 35 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L7987L Datasheet HTML 31Page - STMicroelectronics L7987L Datasheet HTML 32Page - STMicroelectronics L7987L Datasheet HTML 33Page - STMicroelectronics L7987L Datasheet HTML 34Page - STMicroelectronics L7987L Datasheet HTML 35Page - STMicroelectronics L7987L Datasheet HTML 36Page - STMicroelectronics L7987L Datasheet HTML 37Page - STMicroelectronics L7987L Datasheet HTML 38Page - STMicroelectronics L7987L Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
DocID026362 Rev 3
35/41
L7987L
Application ideas
41
The current flowing through the internal power MOSFET is transferred to the load only
during the OFF time, so according to the maximum allowed L7987L DC switch current
(2.0 A), the maximum output current for the buck-boost topology can be calculated from
Equation 35.
Equation 35
where ISW is the average current in the embedded power MOSFET during the ON time.
In addition to these constraints, the thermal considerations summarized in Section 5.5 on
page 29 must also be evaluated.
Figure 24. Buck-boost PCB layout (top and bottom)
The transfer function of the power section for buck-boost topology is summarized below:
Equation 36
With below singularities and parameters:
Equation 37
A2
<
D
1
I
=
I
O U T
S W
-
2
2
0
1
1
1
)
(
LC
LC
RHPZ
Z
LC
s
Q
s
s
s
G
s
G





O
LC
O
RHPZ
ES
O
Z
C
L
D
L
D
D
R
R
C
1
1
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com