Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7987L Datasheet(PDF) 31 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L7987L Datasheet HTML 27Page - STMicroelectronics L7987L Datasheet HTML 28Page - STMicroelectronics L7987L Datasheet HTML 29Page - STMicroelectronics L7987L Datasheet HTML 30Page - STMicroelectronics L7987L Datasheet HTML 31Page - STMicroelectronics L7987L Datasheet HTML 32Page - STMicroelectronics L7987L Datasheet HTML 33Page - STMicroelectronics L7987L Datasheet HTML 34Page - STMicroelectronics L7987L Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
DocID026362 Rev 3
31/41
L7987L
Demonstration board
41
6
Demonstration board
In this section the L7987L demonstration board is described. The default settings are:
Programmed VOUT = 5 V
Max. IOUT = 2 A
FSW = 500 kHz
VBIAS = VOUT
Soft-start 5.3 ms
Figure 15. L7987L demonstration board schematic
Table 7. L7987L demonstration board component list
Reference
Part
Package
Note
Manufacturer P/N
C1, C2
4.7
F
1210
X7S/100 V/10%
TDK C3225X7S2A475K
C3, C4
1
F
0805
X7S/100 V/10%
TDK C2012X7S2A105K
C5
47
F
1210
X5R/16 V/20%
TDK C3225X7S0J476M
C6, C12
N. M.
C7
100 nF
0603
X7R/16 V
C8
680 pF
0603
C0G/50 V
C9
6.8 nF
0603
X7R/50 V
C10
33 nF
0603
X7R/16 V
C11
68 pF
0603
C0G/50 V
R1, R10
N. M.
R2
100 k
0603
R4
0
0603
R5
910
0603
1% tolerance
R6
10 k
0603
1% tolerance
R7
68 k
0603
1% tolerance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com