Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7987L Datasheet(PDF) 21 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L7987L Datasheet HTML 17Page - STMicroelectronics L7987L Datasheet HTML 18Page - STMicroelectronics L7987L Datasheet HTML 19Page - STMicroelectronics L7987L Datasheet HTML 20Page - STMicroelectronics L7987L Datasheet HTML 21Page - STMicroelectronics L7987L Datasheet HTML 22Page - STMicroelectronics L7987L Datasheet HTML 23Page - STMicroelectronics L7987L Datasheet HTML 24Page - STMicroelectronics L7987L Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
DocID026362 Rev 3
21/41
L7987L
Application information
41
The amount of the input voltage ripple can be roughly overestimated by Equation 9.
Equation 9
In case of MLCC ceramic input capacitors, the equivalent series resistance (RES,IN) is
negligible.
In addition to the above considerations, a ceramic capacitor with an appropriate voltage
rating and with a value 1
F or higher should always be placed across VIN and power
ground and across VCC and the IC GND pins, as close as possible to the L7987L device.
This solution is necessary for spike filtering purposes.
5.2
Output capacitor selection
The output capacitor is very important in order to satisfy the output voltage ripple
requirement. Using a small inductor value is useful to reduce the size of the choke but
increases the current ripple. So, to reduce the output voltage ripple, a low ESR capacitor is
required. Nevertheless, the ESR of the output capacitor introduces a zero in the open loop
gain, which helps to increase the phase margin of the system. If the zero goes to very high
frequency, typical drawback in case of ceramic output capacitor application, a type III
compensation network must be designed.
The current in the output capacitor has a triangular waveform which generates a voltage
ripple across it. This ripple is due to the capacitive component (charge and discharge of the
output capacitor) and the resistive component (due to the voltage drop across its ESR). So
the output capacitor must be selected in order to have a voltage ripple compliant with the
application requirements.
The amount of the voltage ripple can be estimated starting from the current ripple obtained
by the inductor selection. Assuming
IL the inductor current ripple, the output voltage ripple
is roughly overestimated by Equation 10.
Equation 10
Usually the resistive component of the ripple is much higher than the capacitive one, if the
output capacitor adopted is not a multi-layer ceramic capacitor (MLCC) with very low ESR
value.
The output capacitor is important also for loop stability: it fixes the double LC filter pole and
the zero due to its ESR.
The output capacitor is also the key component that provides the current to the load during
a load transient which exceeds the system bandwidth. So, if the high slew rate load
transient is required by the application, the output capacitor must be designed in order to
sustain the load transient or absorbs the energy stored in the inductor until the converter
reacts.
In fact, even if the controller detects immediately the load variation and sets the duty cycle at
100% or 0%, the output current slope is limited by the inductor value, the input and output
voltage.
VIN PP
D1 D
–
 I
OUT
CIN FSW
---------------------------------------------- RES IN
IOUT
+
=
V
OUT PP
I
L
RES OUT
I
L
8FSW C
OUT
-----------------------------------------
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com