Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7987L Datasheet(PDF) 10 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L7987L Datasheet HTML 6Page - STMicroelectronics L7987L Datasheet HTML 7Page - STMicroelectronics L7987L Datasheet HTML 8Page - STMicroelectronics L7987L Datasheet HTML 9Page - STMicroelectronics L7987L Datasheet HTML 10Page - STMicroelectronics L7987L Datasheet HTML 11Page - STMicroelectronics L7987L Datasheet HTML 12Page - STMicroelectronics L7987L Datasheet HTML 13Page - STMicroelectronics L7987L Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Electrical characteristics
L7987L
10/41
DocID026362 Rev 3
VPGDLOW PGOOD low level
IPGD = 1 mA, VFB = GND
30
mV
IPGDLKG PGOOD leakage current
VPGOOD = 61 V; VFB = 0.8 V
0.1
µA
Thermal shutdown
TSHDWN
Thermal shutdown
temperature
(3)
170
°C
THYS
Thermal shutdown
hysteresis
(3)
15
°C
1. Specifications referred to TJ from -40 to +125 °C. Specifications in the -40 to +125 °C temperature range are assured by
design, characterization and statistical correlation.
2. Parameter tested in static condition during testing phase. Parameter value may change over dynamic application condition.
3. Not tested in production.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com