Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7987L Datasheet(PDF) 32 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L7987L Datasheet HTML 28Page - STMicroelectronics L7987L Datasheet HTML 29Page - STMicroelectronics L7987L Datasheet HTML 30Page - STMicroelectronics L7987L Datasheet HTML 31Page - STMicroelectronics L7987L Datasheet HTML 32Page - STMicroelectronics L7987L Datasheet HTML 33Page - STMicroelectronics L7987L Datasheet HTML 34Page - STMicroelectronics L7987L Datasheet HTML 35Page - STMicroelectronics L7987L Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
Demonstration board
L7987L
32/41
DocID026362 Rev 3
Figure 16. L7987L demonstration board layout (top and bottom)
R8
47 k
0603
1% tolerance
R9
27 k
0603
1% tolerance
R11
13 k
0603
1% tolerance
L1
15
H
10 x 10
3.86 A sat./50 m
Coilcraft MSS1038-153
D1
STPS2L60
SMB flat
60 V - 2 A Schottky rectifier
STMicroelectronics STPS2L60UF
U1
L7987L
HTSSOP16
STMicroelectronics L7987L
Table 7. L7987L demonstration board component list (continued)
Reference
Part
Package
Note
Manufacturer P/N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com