Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1574 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1574
Description  Discovery kit for STM8A microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1574 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1574 Datasheet HTML 17Page - STMicroelectronics UM1574 Datasheet HTML 18Page - STMicroelectronics UM1574 Datasheet HTML 19Page - STMicroelectronics UM1574 Datasheet HTML 20Page - STMicroelectronics UM1574 Datasheet HTML 21Page - STMicroelectronics UM1574 Datasheet HTML 22Page - STMicroelectronics UM1574 Datasheet HTML 23Page - STMicroelectronics UM1574 Datasheet HTML 24Page - STMicroelectronics UM1574 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
UM1574
Hardware and layout
Doc ID 023645 Rev 1
21/48
4.2.5
STM8AF board jumpers selection
4.2.6
STM8AF board extension connection
Male headers P1, P2 and P3 connectors can connect the STM8AF board to a standard
prototyping/wrapping board. Free GPI/Os of the STM8AF5288T are available on P1 and P2.
L99PM62GXP device I/Os are connected to P3. P1, P2 and P3 can also be probed by an
oscilloscope, a logic analyzer or a voltmeter.
P1 connector contains the full port B GPI/Os and the alternate functions are the first 8 ADC
channel inputs. Its standard HE10 format complies with some additional modules or
resources that are pin-to-pin equivalent.
Table 3.
STM8AF board jumper selection
Jumper
State(1)
1.
Default jumper state is shown in bold.
Description
JP1
(LIN/FLASH)
1-2
Flash mode selected (2).
2.
The Flash mode is activated if at least JP1 or JP2 selects Flash mode.
2-3
LIN communication enabled.
JP2
(CAN/FLASH)
1-2
Flash mode selected (2).
2-3
CAN communication enabled.
JP3 (IDD)
ON
Standard operation, 5 V connected to the VDD of the microcontroller.
OFF
An ammeter can be connected between JP3 pins to measure the
current sunk by the MCU.
JP4 (Reserved)
OFF
Reserved, do not modify.
Table 4.
STM8AF board P1 pinout microcontroller connectivity
Pin number
P1
Pin number
STM8AF MCU
Board pin
name
Type
Main function
Alternate function
1
22
PB0
I/O
Port B0
Analog input AIN0
2
21
PB1
I/O
Port B1
Analog input AIN1
3
20
PB2
I/O
Port B2
Analog input AIN2
4
19
PB3
I/O
Port B3
Analog input AIN3
5
18
PB4
I/O
Port B4
Analog input AIN4
6
17
PB5
I/O
Port B5
Analog input AIN5
7
16
PB6
I/O
Port B6
Analog input AIN6
8
15
PB7
I/O
Port B7
Analog input AIN7
9VDD
Microcontroller Digital power supply
10
GND
Digital ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com