Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1574 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM1574
Description  Discovery kit for STM8A microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1574 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM1574 Datasheet HTML 27Page - STMicroelectronics UM1574 Datasheet HTML 28Page - STMicroelectronics UM1574 Datasheet HTML 29Page - STMicroelectronics UM1574 Datasheet HTML 30Page - STMicroelectronics UM1574 Datasheet HTML 31Page - STMicroelectronics UM1574 Datasheet HTML 32Page - STMicroelectronics UM1574 Datasheet HTML 33Page - STMicroelectronics UM1574 Datasheet HTML 34Page - STMicroelectronics UM1574 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
UM1574
Hardware and layout
Doc ID 023645 Rev 1
31/48
4.3.5
STM8AL board LCD (16 segments, 4 commons)
This LCD allows the STM8AL3L68T to display any information on four 14-segment digits
and 4 BARs, using all COMs. (See the LCD segment mapping in Figure 18 and pin
connections in Table 7). The two first left digits of the LCD display are not used in this
application.
Characteristics overview:
●
16 segments and 4 commons
●
Drive method: multiplexed 1/4 duty, 1/3 bias
●
Operating voltage: 3 V
●
Operating temperature: 0 to 50°C
●
Connector: 28-pin DIL 2.54 mm pitch
Note:
When the LCD is plugged in, all I/O ports listed in Table 7 are unavailable. To use one of
these as I/O, you must remove the LCD
Figure 18.
LCD segment mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com