Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1574 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1574
Description  Discovery kit for STM8A microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1574 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1574 Datasheet HTML 19Page - STMicroelectronics UM1574 Datasheet HTML 20Page - STMicroelectronics UM1574 Datasheet HTML 21Page - STMicroelectronics UM1574 Datasheet HTML 22Page - STMicroelectronics UM1574 Datasheet HTML 23Page - STMicroelectronics UM1574 Datasheet HTML 24Page - STMicroelectronics UM1574 Datasheet HTML 25Page - STMicroelectronics UM1574 Datasheet HTML 26Page - STMicroelectronics UM1574 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
UM1574
Hardware and layout
Doc ID 023645 Rev 1
23/48
4.3
STM8AL board dedicated resources
The STM8AL board is designed around the STM8AL3L68T microcontroller in a 48-pin
LQFP package.
Figure 11 illustrates the connections between the STM8AL3L68T and the different
peripherals (ST-LINK/V2, L99PM62GXP IC, push buttons, LED, IDD measurement circuitry,
LCD and connectors).
Figure 11 and Figure 12 help you to locate these features on the STM8AL board.
Figure 11.
STM8AL board hardware block diagram
MS31075V1
Mini
USB
Embedded
ST-LINK/V2
DC/DC
converter
5V to 12V
5V to 3V3
USER1 button
USER2 button
LCD (16 segments, 4 commons)
Red LED LD3
Green LED LD4
IDD
measurement
3V3
I/O
L99PM62GXP
Power Management
LIN transceiver
5V
I/O
SWIM
SPI
CN3/CN4
3V3
I/O
I/O
SWIM
SPI
STM8AL3L68T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com