Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1574 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1574
Description  Discovery kit for STM8A microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1574 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1574 Datasheet HTML 24Page - STMicroelectronics UM1574 Datasheet HTML 25Page - STMicroelectronics UM1574 Datasheet HTML 26Page - STMicroelectronics UM1574 Datasheet HTML 27Page - STMicroelectronics UM1574 Datasheet HTML 28Page - STMicroelectronics UM1574 Datasheet HTML 29Page - STMicroelectronics UM1574 Datasheet HTML 30Page - STMicroelectronics UM1574 Datasheet HTML 31Page - STMicroelectronics UM1574 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Hardware and layout
UM1574
28/48
Doc ID 023645 Rev 1
4.3.2
STM8AL board LEDs
The STM8AL board includes the following LEDs and their description is:
LD1 COM: LD1 default status is red. LD1 turns to green to indicate that communications are
in progress between the PC and the ST-LINK/V2.
LD2 PWR: red LED indicates that the board is powered and that 3.3 V is generated by the
regulator supplied by the L99PM62GXP power management IC.
User LD3: red LED is a user LED connected to the I/O PE7 of the STM8AL3L68T.
User LD4: green LED is a user LED connected to the I/O PC7 of the STM8AL3L68T.
4.3.3
STM8AL board Push buttons
The STM8AL board includes two push buttons:
●
USER1: User button connected to the I/O PE1 of STM8AL3L68T.
●
USER2: User button connected to the I/O PE2 of STM8AL3L68T.
4.3.4
STM8AL board built-in IDD measurement circuit
The STM8AL board built-in IDD measurement circuit allows the consumption of the
STM8AL3L68T to be measured and displayed on the LCD Glass while the MCU is in Run or
Low power saving modes.
●
JP2 in ON position: STM8AL3L68T is powered through IDD measurement circuit
(default).
●
JP2 in OFF position: STM8AL3L68T is powered directly by +3V3, IDD measurement
circuit is bypassed.
Note: When jumper JP2 is removed the current consumption of the STM8AL3L68T can be
measured by connecting an ammeter between jumper JP2 pin 1 and pin 2.
For IDD measurement by the MCU itself, the circuit below is implemented on the STM8AL
board. Solder bridges SB6, SB7 and SB8 must be closed and a jumper must be plugged
between JP2 pin 2 and pin 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com