Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1574 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1574
Description  Discovery kit for STM8A microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1574 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1574 Datasheet HTML 25Page - STMicroelectronics UM1574 Datasheet HTML 26Page - STMicroelectronics UM1574 Datasheet HTML 27Page - STMicroelectronics UM1574 Datasheet HTML 28Page - STMicroelectronics UM1574 Datasheet HTML 29Page - STMicroelectronics UM1574 Datasheet HTML 30Page - STMicroelectronics UM1574 Datasheet HTML 31Page - STMicroelectronics UM1574 Datasheet HTML 32Page - STMicroelectronics UM1574 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
UM1574
Hardware and layout
Doc ID 023645 Rev 1
29/48
Figure 16.
STM8AL board IDD measurement circuit
●
Run mode
In Run mode, IDD current is measured using the operational amplifier MAX9938FEUK+ (U8)
connected to the 2 shunt resistor (R23). In this case IDD_CNT_EN remains high during
measurement, so R24 remains in short-circuit during the measurement because of switch
U5 which remains ON permanently. The jumper JP2 must be connected between pins 2 and
3 of JP2. The measurement range in this case can be up to 30 mA.
●
Low power mode
In Low power modes (Halt or Active halt), IDD current is measured using the operational
amplifier MAX9938FEUK+ (U8) connected to the 2 Kshunt resistor (R24), controlled by
the switch STS4DPF20L (U5). In this case the counter 74HC4060 (U7) enabled by
IDD_CNT_EN manages the measurement timing according to Figure 17. The measurement
range in this case can be up to 30 µA.
●
Low power mode IDD measurement principle
The principle used to measure a current when the STM8AL3L68T is in Low power mode is:
1.
Configure ADC to measure voltage on the IDD_Measurement pin.
2.
Configure PE6 to serve as wakeup pin.
3.
Enter Low power mode after setting IDD_CNT_EN (PC4) signal low.
4.
IDD_WAKEUP rising edge wakes up the MCU after around 300 ms.
5.
Start ADC conversion as soon as possible after wakeup in order to measure the
voltage corresponding to Low power mode on capacitor C14.
6.
Reset the counter by programming IDD_CNT_EN high (in less than 70 ms after the
wakeup) to avoid the R24 2 Kresistor being connected later in Run mode.
R28
47K
3
5
U4
74LX1G04CTR
I/O
1
O/I
2
GND
3
C
4
VCC
5
U9
74H1G66STR
V
DD
R23
2(1%)
R24
2K(1%)
Q12
1
Q13
2
Q14
3
Q6
4
Q5
5
Q7
6
Q4
7
GND
8
CO
9
CO
10
CI
11
CLR
12
Q9
13
Q8
14
Q10
15
VCC
16
U7
R26
10K
R25
10K
C14
1uF
JP2
C16
1nF
R29
15K
R27
30K
Oscillator frequency 30 KHz
R22
0
C15
100nF
SB6
SB8
SB7
IDD Measure
f
f
on
o
4
5
3
U8
MAX9938FEUK+
S1
1
D1
8
G1
2
D1
7
S2
3
D2
6
G2
4
D2
5
U5
STS4 DPF20L
IDD_Measurement
I
DD_CNT_EN
IDD_WAKEUP
PF0
PE6
PC4
3V3
3V3
3V3
3V3
3V3
MS31059V1
M74HC4060TTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com