Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1574 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM1574
Description  Discovery kit for STM8A microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1574 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM1574 Datasheet HTML 33Page - STMicroelectronics UM1574 Datasheet HTML 34Page - STMicroelectronics UM1574 Datasheet HTML 35Page - STMicroelectronics UM1574 Datasheet HTML 36Page - STMicroelectronics UM1574 Datasheet HTML 37Page - STMicroelectronics UM1574 Datasheet HTML 38Page - STMicroelectronics UM1574 Datasheet HTML 39Page - STMicroelectronics UM1574 Datasheet HTML 40Page - STMicroelectronics UM1574 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
6
STM8AF board electrical schematics
Figure 21.
STM8AF board top level
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
STMicroelectronics
Title:
Number:
Rev:
Sheet
of
B.0(PCB.SCH)
Date:10/3/2012
MB1036
1
4
STM8AF BOARD
MCO
PA4
PA5
NRST
ST_LINK_SWIM
U_ST_LINK
ST_LINK_V2.SCHDOC
ST_LINK_SWIM
MCO
NRST
PA5
MCO
PA4
SPI_NSS
CAN_TX
NRST
LIN_TX
LIN_RX
SPI_SCK
SPI_MOSI
SPI_MISO
CAN_RX
PB0
PB1
PB2
PB3
PB4
PC1
PC2
PC4
PE0
PD2
PD4
PD7
ST_LINK_SWIM
PB5
PB6
PB7
PA6
PE6
U_STM8AF
STM8AF.SchDoc
MCO
PA4
PA5
ST_LINK_SWIM
LIN_TX
LIN_RX
SPI_NSS
SPI_SCK
SPI_MOSI
SPI_MISO
CAN_TX
NRST
RevA.0 --> PCB label MB1036 A-00
RevB.0 --> PCB label MB1036 B-00
- Add capacitor for consumption delay when step-up start
- Adjust few values of components
VDD
PA4
PA5
STM8AF_USART_TX
STM8AF_USART_RX
CAN_RX
LIN_RX
LIN_TX
OUT2
OUT1
OUT_HS
SPI_MISO
SPI_MOSI
SPI_SCK
SPI_NSS
NRST
CAN_TX
CAN_RX
WU1
REL1
REL2
CANH
CANL
LIN
U_CAN_LIN
CAN_LIN.SchDoc
LIN_TX
LIN_RX
SPI_NSS
SPI_SCK
SPI_MOSI
SPI_MISO
CAN_TX
CAN_RX
NRST
REL1
REL2
WU1
CANH
OUT2
OUT_HS
PB0
PB1
PC1
PB2
PB3
PB4
PC2
PC4
PD2
PD4
PE0
PD7
STM8AF_USART_TX
STM8AF_USART_RX
PA6
CANL
LIN
1
2
3
4
5
6
7
8
9
10
P1
Header 5X2
PB0
PB2
PB4
PB1
PB3
PB5
PB6
PB7
PB5
PB6
PB7
OUT1
TP4
TP5
TP3
TP2
PE6
PC1
PC2
PC4
PD2
PD4
PD7
PA6
PE0
PE6
VDD
NRST
REL1
REL2
WU1
OUT2
OUT_HS
OUT1
5V
1
2
3
4
5
6
7
8
9
10
11
12
P2
Header 12
SB10
CANH
CANL
LIN
VBAT
1
2
3
4
5
6
7
8
9
10
CN3
Header F 90° 5x2H
1
2
3
4
5
6
7
8
9
10
CN4
Header M 90° 5X2H
USB5V
SB12
SB11
CANH
CANL
LIN
VBAT
USB5V
SB13
USB
Female
Male
1
2
3
4
5
6
7
8
9
P3
Header 9
VBAT
TP1
GND Test Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com