Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1574 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM1574
Description  Discovery kit for STM8A microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1574 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM1574 Datasheet HTML 37Page - STMicroelectronics UM1574 Datasheet HTML 38Page - STMicroelectronics UM1574 Datasheet HTML 39Page - STMicroelectronics UM1574 Datasheet HTML 40Page - STMicroelectronics UM1574 Datasheet HTML 41Page - STMicroelectronics UM1574 Datasheet HTML 42Page - STMicroelectronics UM1574 Datasheet HTML 43Page - STMicroelectronics UM1574 Datasheet HTML 44Page - STMicroelectronics UM1574 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
7
STM8AL board electrical schematics
Figure 25.
STM8AL board top level
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
STMicroelectronics
Title:
Number:
Rev:
Sheet
of
B.0(PCB.SCH)
Date:10/3/2012
MB1037
1
6
STM8AL BOARD
MCO
NRST
ST_LINK_SWIM
PC3
PC2
U_ST_LINK
ST_LINK_V2.SCHDOC
ST_LINK_SWIM
MCO
NRST
SPI_NSS
SPI_SCK
SPI_MOSI
SPI_MISO
PC1
PC0
PC5
PC6
PD1_LCDCOM3
PD2_LCDSEG8
PD3_LCDSEG9
PB0_LCDSEG10
PB3_LCDSEG13
PB2_LCDSEG12
PB1_LCDSEG11
USART1_RX
USART1_TX
PD7_LCDSEG21
PD6_LCDSEG20
PD5_LCDSEG19
PD4_LCDSEG18
IDD_Measurement
IDD_WAKEUP
IDD_CNT_EN
PA4_LCDCOM0
PA5_LCDCOM1
PA6_LCDCOM2
PA7_LCDSEG0
PE0_LCDSEG1
PE3_LCDSEG4
PE4_LCDSEG5
PE5_LCDSEG6
PD0_LCDSEG7
NRST
ST_LINK_SWIM
MCO
U_STM8AL
STM8AL.SchDoc
MCO
ST_LINK_SWIM
SPI_NSS
SPI_SCK
SPI_MOSI
SPI_MISO
NRST
RevA.0 --> PCB label MB1037 A-00
RevB.0 --> PCB label MB1037 B-00
- Add capacitor for consumption delay when step-up start
- Adjust few values of components
STM8AL_USART_TX
STM8AL_USART_RX
LIN_RX
LIN_TX
OUT2
OUT1
OUT_HS
SPI_MISO
SPI_MOSI
SPI_SCK
SPI_NSS
NRST
WU1
REL1
REL2
LIN
U_LIN
LIN.SchDoc
SPI_NSS
SPI_SCK
SPI_MOSI
SPI_MISO
NRST
REL1
REL2
WU1
OUT2
OUT_HS
PC1
PC0
SB13
LIN
LIN
VBAT
1
2
3
4
5
6
7
8
9
10
CN4
Header F 90° 5x2H
1
2
3
4
5
6
7
8
9
10
CN3
Header M 90° 5X2H
USB5V
SB14
SB15
LIN
VBAT
USB5V
SB16
OUT1
TP5
TP4
TP3
TP2
PC1
VDD
NRST
REL1
REL2
WU1
OUT2
OUT_HS
OUT1
3V3
PC0
PC5
PC6
1
2
3
4
5
6
7
8
P1
Header 8
PB3_LCDSEG13
PB2_LCDSEG12
PB1_LCDSEG11
PD7_LCDSEG21
PD6_LCDSEG20
PD5_LCDSEG19
PD4_LCDSEG18
PA4_LCDCOM0
PA5_LCDCOM1
PA6_LCDCOM2
PA7_LCDSEG0
PE0_LCDSEG1
PE3_LCDSEG4
PE4_LCDSEG5
PE5_LCDSEG6
PD0_LCDSEG7
PD1_LCDCOM3
PD2_LCDSEG8
PD3_LCDSEG9
PB0_LCDSEG10
U_LCD
GH08172_buttons.SchDoc
PC3
PC2
PC3
PC2
STM8AL_USART_TX
STM8AL_USART_RX
PC5
PC6
5V
IDD_Measurement
IDD_CNT_EN
IDD_WAKEUP
U_Power
IDD_measurement.SchDoc
IDD_Measurement
IDD_CNT_EN
IDD_WAKEUP
USB
Female
Male
IDD_Measurement
IDD_CNT_EN
IDD_WAKEUP
PC3
PC2
TP1
GND Test Point
1
2
3
4
5
6
7
8
9
P2
Header 9
VBAT
CANL
CANH
CANH
CANL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com