Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1574 Datasheet(PDF) 45 Page - STMicroelectronics

Part # UM1574
Description  Discovery kit for STM8A microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1574 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UM1574 Datasheet HTML 40Page - STMicroelectronics UM1574 Datasheet HTML 41Page - STMicroelectronics UM1574 Datasheet HTML 42Page - STMicroelectronics UM1574 Datasheet HTML 43Page - STMicroelectronics UM1574 Datasheet HTML 44Page - STMicroelectronics UM1574 Datasheet HTML 45Page - STMicroelectronics UM1574 Datasheet HTML 46Page - STMicroelectronics UM1574 Datasheet HTML 47Page - STMicroelectronics UM1574 Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
Figure 29.
STM8AL board IDD_measurement
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
STMicroelectronics
Title:
Number:
Rev:
Sheet
of
B.0(PCB.SCH)
Date:10/3/2012
MB1037
5
6
STM8AL BOARD IDD_Measurement
R28
47K
3
5
U4
74LX1G04CTR
I/O
1
O/I
2
GND
3
C
4
VCC
5
U9
74H1G66STR
VDD
R23
2(1%)
R24
2K(1%)
Q12
1
Q13
2
Q14
3
Q6
4
Q5
5
Q7
6
Q4
7
GND
8
CO
9
CO
10
CI
11
CLR
12
Q9
13
Q8
14
Q10
15
VCC
16
U7
M74HC4060TTR
R26
10K
R25
10K
C14
1uF
JP2
C16
1nF
R29
15K
R27
30K
Oscillator frequency 30KHz
R22
0
C15
100nF
SB6
SB8
SB7
IDD Measure
on
off
4
5
3
U8
MAX9938FEUK+
S1
1
D1
8
G1
2
D1
7
S2
3
D2
6
G2
4
D2
5
U5
STS4DPF20L
IDD_Measurement
IDD_CNT_EN
IDD_WAKEUP
PF0
PE6
PC4
3V3
3V3
3V3
3V3
3V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com