Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1574 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1574
Description  Discovery kit for STM8A microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1574 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1574 Datasheet HTML 18Page - STMicroelectronics UM1574 Datasheet HTML 19Page - STMicroelectronics UM1574 Datasheet HTML 20Page - STMicroelectronics UM1574 Datasheet HTML 21Page - STMicroelectronics UM1574 Datasheet HTML 22Page - STMicroelectronics UM1574 Datasheet HTML 23Page - STMicroelectronics UM1574 Datasheet HTML 24Page - STMicroelectronics UM1574 Datasheet HTML 25Page - STMicroelectronics UM1574 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Hardware and layout
UM1574
22/48
Doc ID 023645 Rev 1
Table 5.
STM8AF board P2 pinout microcontroller connectivity
Pin number
P2
Pin number
STM8AF
MCU
Board pin
name
Type
Main function
Alternate function
1
GND
Digital ground
2
1
NRST
I/O
Reset
3
48
PD7
I/O
Port D7
TLI
4
45
PD4
I/O
Port D4
Timer 2 - channel 1
5
43
PD2
I/O
Port D2
Timer 3 - channel 1
6
12
PA6
I/O
Port A6
USART synchronous clock
7
40
PE0
I/O
Port E0
CCO Configurable clock output
8
24
PE6
I/O
Port E6
Analog input AIN9
9
29
PC4
I/O
Port C4
Timer 1 - channel 4
10
27
PC2
I/O
Port C2
Timer 1 - channel 2
11
26
PC1
I/O
Port C1
Timer 1 - channel 1
12
VDD
Microcontroller Digital power supply
Table 6.
STM8AF board P3 pinout L99PM62GXP connectivity(1)
1.
For additional information on L99PM62GXP device connectivity, please refer to product datasheet
available at www.st.com.
Pin number
P3
Pin number
STM8AF
MCU
Board pin
name
Type
Main function
15V
5 V board power supply (output 5V1 from
L99PM62GXP)
2
20
WU1
I
Wake-up input 1
3
28
OUT2
O
High-side driver output (7
, typ.)
4
29
OUT1
O
High-side driver output (7
, typ.)
5
30
O_HS
O
High-side driver (1
, typ.)
6
34
REL1
O
Low-side driver output (2
 typ.)
7
35
REL2
O
Low-side driver output (2
 typ.)
8
GND
Digital ground
9VBAT
I
External power supply (12 Vdc typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com