Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LNBH25
Description  Selectable output current limit by external resistor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LNBH25 Datasheet HTML 3Page - STMicroelectronics LNBH25 Datasheet HTML 4Page - STMicroelectronics LNBH25 Datasheet HTML 5Page - STMicroelectronics LNBH25 Datasheet HTML 6Page - STMicroelectronics LNBH25 Datasheet HTML 7Page - STMicroelectronics LNBH25 Datasheet HTML 8Page - STMicroelectronics LNBH25 Datasheet HTML 9Page - STMicroelectronics LNBH25 Datasheet HTML 10Page - STMicroelectronics LNBH25 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LNBH25
Application information
Doc ID 022433 Rev 4
7/34
requirements an output RL filter is needed. In order to avoid 22 kHz waveform distortion
during tone transmission, LNBH25 is provided with the BPSW pin to be connected to an
external transistor, which allows to bypass the output RL filter in DiSEqC 2.x applications
while in transmission mode. Before starting tone transmission by means of the DSQIN pin,
make sure that the TEN bit is preventively set to “1” and after ending tone transmission,
make sure that the TEN bit is set to “0”.
2.6
Output current limit selection
The linear regulator current limit threshold can be set by an external resistor connected to
the ISEL pin. The resistor value defines the output current limit by the equation:
Equation 1
with ISET=0
Equation 2
with ISET=1
(Refer also to the ISET bit description in
Table 9).
where RSEL is the resistor connected between ISEL and GND expressed in k
Ω and
IMAX(typ.) is the typical current limit threshold expressed in mA. IMAX can be set up to 1 A.
2.7
Output voltage selection
The linear regulator output voltage level can be easily programmed in order to accomplish
application specific requirements, using 4 bits of an internal DATA 1 register (see
7.3: Data
registers and Table 14 for exact programmable values). Register writing is accessible via the
I²C bus.
2.8
Diagnostic and protection functions
LNBH25 has 8 diagnostic internal functions provided via the I²C bus, by reading 8 bits on
two STATUS registers (in read mode). All the diagnostic bits are, in normal operation (that is
no failure detected), set to LOW. Two diagnostic bits are dedicated to the overtemperature
and overload protection status (OTF and OLF) while the remaining 6 bits are dedicated to
the output voltage level (VMON), to 22 kHz tone characteristics (TMON), to the minimum
load current (IMON), to external voltage source presence on the VOUT pin (PDO), to the
input voltage Power Not Good function (PNG) and to the 22 kHz tone presence on the
DETIN pin (TDET). Once the OLF (or OTF or PNG) bit has been activated (set to “1”), it is
latched to “1” until relevant cause is removed and a new register reading operation is done.
111
.
1
MAX
RSEL
13915
.)
typ
(
I
=
068
.
1
MAX
RSEL
6808
.)
typ
(
I
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com