Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LNBH25
Description  Selectable output current limit by external resistor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LNBH25 Datasheet HTML 5Page - STMicroelectronics LNBH25 Datasheet HTML 6Page - STMicroelectronics LNBH25 Datasheet HTML 7Page - STMicroelectronics LNBH25 Datasheet HTML 8Page - STMicroelectronics LNBH25 Datasheet HTML 9Page - STMicroelectronics LNBH25 Datasheet HTML 10Page - STMicroelectronics LNBH25 Datasheet HTML 11Page - STMicroelectronics LNBH25 Datasheet HTML 12Page - STMicroelectronics LNBH25 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LNBH25
Application information
Doc ID 022433 Rev 4
9/34
2.13
TDET: 22 kHz tone detection
When a 22 kHz tone presence is detected on the DETIN pin, the TDET I²C bit is set to “1”.
2.14
IMON: minimum output current diagnostic
In order to detect the output load absence (no LNB connected on the bus or cable not
connected to the IRD) the LNBH25 is provided with a minimum output current flag by the
IMON I²C bit, accessible in read mode, which is set to “1” if the output current is lower than
12 mA (typ.). It is recommended to use IMON function only with the 22 kHz tone
transmission deactivated, otherwise the IMON bit could be set to “0” even if the output
current is below the minimum current threshold. To activate IMON diagnostic function, set to
“1” the EN_IMON I²C bit in the DATA 4 register. Be aware that as soon as the IMON function
is activated by means of EN_IMON=1, the VOUT is immediately increased to 21 V (typ.)
independently on the VSEL bit setting. This operation is applied in order to be sure that the
LNBH25 output has the higher voltage present in the LNB bus. Do not use this function in an
application environment where 21 V voltage level is not supported by other peripherals
connected to the LNB bus.
2.15
PDO: overcurrent detection on output pull-down stage
When an overcurrent occurs on the pull-down output stage due to an external voltage
source greater than LNBH25 nominal VOUT and for a time longer than ISINK_TIME-OUT (10
ms typ.), the PDO I²C bit is set to “1”. This may happen due to an external voltage source
present on the LNB output (VOUT pin).
For current threshold and deglitch time details, see
Table 13.
2.16
Power-on I²C interface reset and undervoltage lockout
The I²C interface built into LNBH25 is automatically reset at power-on. As long as the VCC
stays below the undervoltage lockout (UVLO) threshold (4.7 V typ.), the interface does not
respond to any I²C command and all DATA register bits are initialized to zeroes, therefore
keeping the power blocks disabled. Once the VCC rises above 4.8 V typ. the I²C interface
becomes operative and the DATA registers can be configured by the main microprocessor.
2.17
PNG: input voltage minimum detection
When input voltage (VCC pin) is lower than LPD (low power diagnostic) minimum thresholds,
the PNG I²C bit is set to “1” and the FLT pin is set low. Refer to
Table 13 for threshold details.
2.18
ISW: inductor switching current limit
In order to allow low saturation current inductors to be used, the maximum DC-DC inductor
switching current limit threshold can be set by means of one I²C bit (ISW). Two values are
available: 2.5 A typ. (with ISW = 1) and 4 A typ. (with ISW = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com