Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25 Datasheet(PDF) 23 Page - STMicroelectronics

Part # LNBH25
Description  Selectable output current limit by external resistor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LNBH25 Datasheet HTML 19Page - STMicroelectronics LNBH25 Datasheet HTML 20Page - STMicroelectronics LNBH25 Datasheet HTML 21Page - STMicroelectronics LNBH25 Datasheet HTML 22Page - STMicroelectronics LNBH25 Datasheet HTML 23Page - STMicroelectronics LNBH25 Datasheet HTML 24Page - STMicroelectronics LNBH25 Datasheet HTML 25Page - STMicroelectronics LNBH25 Datasheet HTML 26Page - STMicroelectronics LNBH25 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
LNBH25
I²C interface protocol
Doc ID 022433 Rev 4
23/34
N/A = Reserved bit.
All bits reset to 0 at power-on.
Table 12.
STATUS 2 (Read register. Register address = 0X1)
BIT
Name
Value
Description
Bit 0
(LSB)
TDET
1
22 kHz tone presence is detected on the DETIN pin
0
No 22 kHz tone is detected on the DETIN pin
Bit 1
N/A
-
Reserved
Bit 2
TMON
1
22 kHz tone present on the DETIN pin is out of TMON specification thresholds.
That is: the tone frequency or the ATONE (tone Amplitude) are out of the thresholds
guaranteed in the TMON electrical characteristics table.
0
22 kHz tone present on the DETIN pin is within TMON specification thresholds.
Refer to
Table 19.
Bit 3
N/A
-
Reserved
Bit 4
IMON
1
Output current (from VOUT pin) is lower than IMON specification thresholds. Refer
to
Table 18.
0
Output current (from VOUT pin) is higher than IMON specifications. Refer
to
Table 18.
Bit 5
N/A
-
Reserved
Bit 6
N/A
-
Reserved
Bit 7
(MSB)
N/A
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com