Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25 Datasheet(PDF) 25 Page - STMicroelectronics

Part # LNBH25
Description  Selectable output current limit by external resistor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LNBH25 Datasheet HTML 21Page - STMicroelectronics LNBH25 Datasheet HTML 22Page - STMicroelectronics LNBH25 Datasheet HTML 23Page - STMicroelectronics LNBH25 Datasheet HTML 24Page - STMicroelectronics LNBH25 Datasheet HTML 25Page - STMicroelectronics LNBH25 Datasheet HTML 26Page - STMicroelectronics LNBH25 Datasheet HTML 27Page - STMicroelectronics LNBH25 Datasheet HTML 28Page - STMicroelectronics LNBH25 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
LNBH25
Electrical characteristics
Doc ID 022433 Rev 4
25/34
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
FSW
DC-DC converter switching
frequency
440
kHz
UVLO
Undervoltage lockout
thresholds
UVLO Threshold Rising
4.8
V
UVLO Threshold Falling
4.7
VLP
Low power diagnostic (LPD)
thresholds
VLP Threshold Rising
7.2
V
VLP Threshold Falling
6.7
VIL
DSQIN, pin logic low
0.8
V
VIH
DSQIN, pin logic high
2
V
IIH
DSQIN, pin input current
VIH = 5 V
15
µA
FDETIN
Tone detector frequency
capture range (3)
0.4VPP sine wave
19
22
25
kHz
VDETIN
Tone detector input
amplitude (3)
Sine wave signal, 22 kHz
0.3
1.5
VPP
ZDETIN
Tone detector input
impedance
150
k
Ω
VOL_BPS
W
BPSW pin low voltage
IOL_BPSW = 5 mA, DSQIN = high,
EXTM=0, TEN=1
0.7
V
VOL
DSQOUT, FLT pins logic
LOW
DETIN Tone present, IOL= 2 mA
0.3
0.5
V
IOZ
DSQOUT, FLT pins leakage
current
DETIN Tone absent, VOH = 6 V
10
µA
IOBK
Output backward current
All VSELx=0, VOBK = 30 V
-3
-6
mA
ISINK
Output low-side sink current
VOUT forced at VOUT_NOM + 0.1 V
70
mA
ISINK_
TIME-OUT
Low-side sink current time-
out
VOUT forced at VOUT_NOM + 0.1 V
PDO I²C bit is set to 1 after this time
is elapsed
10
ms
IREV
Max. reverse current
VOUT forced at VOUT_NOM + 0.1 V
after PDO bit is set to 1
(ISINK_TIME-OUT elapsed)
2mA
TSHDN
Thermal shut-down
threshold
150
°C
ΔTSHDN
Thermal shut-down
hysteresis
15
°C
1.
In applications where (VCC -VOUT) > 1.3 V the increased power dissipation inside the integrated LDO must be taken into
account in the application thermal management design.
2.
Guaranteed by design.
3.
Frequency range in which the DETIN function is guaranteed. The VPP level is intended on the LNB bus (before the C6
capacitor. See typical application circuit for DiSEqC 2.x). IOUT from 0 to 750 mA, CBUS from 0 to 750 nF.
Table 13.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com