Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25 Datasheet(PDF) 21 Page - STMicroelectronics

Part # LNBH25
Description  Selectable output current limit by external resistor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LNBH25 Datasheet HTML 17Page - STMicroelectronics LNBH25 Datasheet HTML 18Page - STMicroelectronics LNBH25 Datasheet HTML 19Page - STMicroelectronics LNBH25 Datasheet HTML 20Page - STMicroelectronics LNBH25 Datasheet HTML 21Page - STMicroelectronics LNBH25 Datasheet HTML 22Page - STMicroelectronics LNBH25 Datasheet HTML 23Page - STMicroelectronics LNBH25 Datasheet HTML 24Page - STMicroelectronics LNBH25 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LNBH25
I²C interface protocol
Doc ID 022433 Rev 4
21/34
N/A = Reserved bit.
All bits reset to 0 at power-on.
Table 9.
DATA 3 (Read/Write register. Register address = 0X4)
BIT
Name
Value
Description
Bit 0
(LSB)
ISET
1
Current limit of LNB output (VOUT pin) set to lower current range.
Refer to
Section 2.6 in Application Information section.
0
Current Limit of LNB output (VOUT pin) set to default range.
Refer to
Section 2.6 in Application Information section.
Bit 1
ISW
1
DC-DC, inductor switching current limit set to 2.5 A typ.
0
DC-DC, inductor switching current limit set to 4 A typ.
Bit 2
PCL
1
Pulsed (Dynamic) LNB output current limiting is deactivated
0
Pulsed (Dynamic) LNB output current limiting is activated
Bit 3
TIMER
1
Pulsed (Dynamic) LNB output current TON time set to 180 ms typ.
0
Pulsed (Dynamic) LNB output current TON time set to 90 ms typ.
Bit 4
N/A
0
Reserved. Keep to "0"
Bit 5
N/A
0
Reserved. Keep to "0"
Bit 6
N/A
0
Reserved. Keep to "0"
Bit 7
(MSB)
N/A
0
Reserved. Keep to "0"
Table 10.
DATA 4 (Read/Write register. Register address = 0X5)
BIT
Name
Value
Description
Bit 0
(LSB)
EN_IMON
1
IMON Diagnostic function is enabled. (VOUT is set to 21 V typ.)
0
IMON Diagnostic function is disabled, keep always at “0” if IMON is not used
Bit 1
N/A
-
Reserved
Bit 2
N/A
-
Reserved
Bit 3
OLR
1
In case overload protection activation (OLF=1), all VSEL 1..4 bits are reset to “0”
and LNB output (VOUT pin) is disabled. The VSEL bits must be set again by the
master after the overcurrent condition is removed (OLF=0).
0
In case of overload protection activation (OLF=1) the LNB output (VOUT pin) is
automatically enabled as soon as the overload conditions is removed (OLF=0)
with the previous VSEL bits setting.
Bit 4
N/A
-
Reserved
Bit 5
N/A
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com