Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25 Datasheet(PDF) 20 Page - STMicroelectronics

Part # LNBH25
Description  Selectable output current limit by external resistor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LNBH25 Datasheet HTML 16Page - STMicroelectronics LNBH25 Datasheet HTML 17Page - STMicroelectronics LNBH25 Datasheet HTML 18Page - STMicroelectronics LNBH25 Datasheet HTML 19Page - STMicroelectronics LNBH25 Datasheet HTML 20Page - STMicroelectronics LNBH25 Datasheet HTML 21Page - STMicroelectronics LNBH25 Datasheet HTML 22Page - STMicroelectronics LNBH25 Datasheet HTML 23Page - STMicroelectronics LNBH25 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
I²C interface protocol
LNBH25
20/34
Doc ID 022433 Rev 4
7.3
Data registers
The DATA 1..4 registers can be addressed both in write and read mode. In read mode they
return the last writing byte status received in the previous write transmission.
The following tables provide the Register Address values of Data 1..4 and a function
description of each bit.
N/A = Reserved bit.
All bits reset to “0” at power-on.
N/A = Reserved bit.
All bits reset to 0 at power-on.
Table 7.
DATA 1 (Read/Write register. Register address = 0X2)
BIT
Name
Value
Description
Bit 0
(LSB)
VSEL1
0/1
Output voltage selection bits. (Refer to
Table 14)
Bit 1
VSEL2
0/1
Bit 2
VSEL3
0/1
Bit 3
VSEL4
0/1
Bit 4
N/A
0
Reserved. Keep to "0"
Bit 5
N/A
0
Reserved. Keep to "0"
Bit 6
N/A
0
Reserved. Keep to "0"
Bit 7
(MSB)
N/A
0
Reserved. Keep to "0"
Table 8.
DATA 2 (Read/Write register. Register address = 0X3)
BIT
Name
Value
Description
Bit 0
(LSB)
TEN
1
22 kHz tone enabled. Tone output controlled by DSQIN pin
0
22 kHz tone output disabled
Bit 1
LPM
1
Low power mode activated (used only with 22 kHz tone output disabled)
0
Low power mode deactivated (keep always LPM = 0 during 22 kHz tone
transmission)
Bit 2
EXTM
1
DSQIN input pin is set to receive external 22 kHz TTL signal source
0
DSQIN input pin is set to receive external DiSEqC envelope TTL signal
Bit 3
N/A
0
Reserved. Keep to “0”
Bit 4
N/A
0
Reserved. Keep to "0"
Bit 5
N/A
0
Reserved. Keep to "0"
Bit 6
N/A
0
Reserved. Keep to "0"
Bit 7
(MSB)
N/A
0
Reserved. Keep to "0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com