Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25 Datasheet(PDF) 24 Page - STMicroelectronics

Part # LNBH25
Description  Selectable output current limit by external resistor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LNBH25 Datasheet HTML 20Page - STMicroelectronics LNBH25 Datasheet HTML 21Page - STMicroelectronics LNBH25 Datasheet HTML 22Page - STMicroelectronics LNBH25 Datasheet HTML 23Page - STMicroelectronics LNBH25 Datasheet HTML 24Page - STMicroelectronics LNBH25 Datasheet HTML 25Page - STMicroelectronics LNBH25 Datasheet HTML 26Page - STMicroelectronics LNBH25 Datasheet HTML 27Page - STMicroelectronics LNBH25 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Electrical characteristics
LNBH25
24/34
Doc ID 022433 Rev 4
8
Electrical characteristics
Refer to
Section 5, TJ from 0 to 85 °C, all DATA 1..4 register bits set to 0 unless VSEL1 = 1,
RSEL = 11.5 k
Ω, DSQIN = LOW, VIN = 12 V, IOUT = 50 mA, unless otherwise stated. Typical
values are referred to TJ = 25 °C. VOUT = VOUT pin voltage. See software description section
for I²C access to the system register (
Section 6 and Section 7).
Table 13.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Supply voltage (1)
812
16
V
IIN
Supply current
IOUT = 0 mA
6
mA
22 kHz Tone enabled (TEN=1),
DSQIN = High, IOUT= 0 mA
10
mA
VSEL1=VSEL2=VSEL3=VSEL4=0
1
mA
VOUT
Output voltage total accuracy Valid at any VOUT selected level
-3.5
+3.5
%
VOUT
Line regulation
VIN = 8 to 16 V
40
mV
VOUT
Load regulation
IOUT from 50 to 750 mA
100
IMAX
Output current limiting
thresholds
RSEL = 11.5 k
Ω, ISET = 0
750
1100
mA
RSEL = 16.2 k
Ω, ISET = 0
500
750
RSEL = 22 k
Ω, ISET = 0
350
550
IMAX
Output current limiting
thresholds
RSEL = 11.5 k
Ω, ISET = 1
500
mA
RSEL = 16.2 k
Ω, ISET = 1
350
RSEL = 22 k
Ω, ISET = 1
250
ISC
Output short-circuit current
RSEL = 11.5 k
Ω, ISET= 0
500
mA
SS
Soft-start time
VOUT from 0 to 13 V
4
ms
SS
Soft-start time
VOUT from 0 to 18 V
6
ms
T13-18
Soft transition rise time
VOUT from 13 to 18 V
1.5
ms
T18-13
Soft transition fall time
VOUT from 18 to 13 V
1.5
ms
TOFF
Dynamic overload protection
OFF Time
PCL=0, Output Shorted
900
ms
TON
Dynamic overload protection
ON Time
PCL = TIMER = 0, Output Shorted
TOFF/10
PCL = 0, TIMER = 1, Output Shorted
TOFF/5
ATONE
Tone amplitude
DSQIN=High, EXTM=0, TEN=1
IOUT from 0 to 750 mA
CBUS from 0 to 750 nF
0.55
0.675
0.8
VPP
FTONE
Tone frequency
DSQIN=High, EXTM=0, TEN=1
20
22
24
kHz
DTONE
Tone duty cycle
43
50
57
%
tr, tf
Tone rise or fall time (2)
58
15
µs
EffDC/DC DC-DC converter efficiency
IOUT = 500 mA
93
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com