Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LNBH25
Description  Selectable output current limit by external resistor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25 Datasheet(HTML) 5 Page - STMicroelectronics

  LNBH25 Datasheet HTML 1Page - STMicroelectronics LNBH25 Datasheet HTML 2Page - STMicroelectronics LNBH25 Datasheet HTML 3Page - STMicroelectronics LNBH25 Datasheet HTML 4Page - STMicroelectronics LNBH25 Datasheet HTML 5Page - STMicroelectronics LNBH25 Datasheet HTML 6Page - STMicroelectronics LNBH25 Datasheet HTML 7Page - STMicroelectronics LNBH25 Datasheet HTML 8Page - STMicroelectronics LNBH25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LNBH25
Application information
Doc ID 022433 Rev 4
5/34
2
Application information
This IC has a built-in DC-DC step-up converter that, from a single source (8 V to 16 V),
generates the voltages (Vup) that let the integrated LDO post-regulator (generating the 13 V
/18 V LNB output voltages plus the 22 kHz DiSEqC™ tone) to work with a minimum
dissipated power of 0.5 W typ. @ 500 mA load (the LDO drop voltage is internally kept at
Vup-VOUT = 1 V typ.). The LDO power dissipation can be further reduced when the 22 kHz
tone output is disabled by setting the LPM bit to “1” (see
2.4: LPM (low power mode)). The
IC is also provided with an undervoltage lockout circuit that disables the whole circuit when
the supplied VCC drops below a fixed threshold (4.7 V typ.). The step-up converter soft-start
function reduces the inrush current during start-up. The SS time is internally fixed at 4 ms
typ. to switch from 0 to 13 V and 6 ms typ. switch from 0 to 18 V.
2.1
DiSEqC data encoding (DSQIN pin)
The internal 22 kHz tone generator is factory trimmed in accordance to DiSEqC standards,
and can be activated in 3 different ways:
1.
by an external 22 kHz source DiSEqC data connected to the DSQIN logic pin (TTL
compatible). In this case the I²C Tone control bits must be set: EXTM = TEN = 1.
2.
by an external DiSEqC data envelope source connected to the DSQIN logic pin. In this
case the I²C Tone control bits must be set: EXTM = 0 and TEN = 1.
3.
through the TEN I²C bit if a 22 kHz presence is requested in continuous mode. In this
case the DSQIN TTL pin must be pulled HIGH and EXTM bit set to “0”.
Each of the above solutions requires that during the 22 kHz tone activation and/or DiSEqC
data transmission, the LPM bit must be set to “0” (see
2.4: LPM (low power mode)).
2.2
Data encoding by external 22 kHz tone TTL signal
In order to improve design flexibility an external tone signal can be input to the DSQIN pin by
setting the EXTM bit to “1”.
The DSQIN is a logic input pin which activates the 22 kHz tone to the VOUT pin, by using the
LNBH25 integrated tone generator.
The output tone waveforms are internally controlled by the LNBH25 tone generator in terms
of rise/fall time and tone amplitude, while, the external 22 kHz signal on the DSQIN pin is
used to define the frequency and the duty cycle of the output tone. A TTL compatible 22 kHz
signal is required for the proper control of the DSQIN pin function. Before sending the TTL
signal on the DSQIN pin, the EXTM and TEN bits must be previously set to “1”. As soon as
the DSQIN internal circuit detects the 22 kHz TTL external signal code, the LNBH25
activates the 22 kHz tone on the VOUT output with about 1 µs delay from TTL signal
activation, and it stops with about 60 µs delay after the 22 kHz TTL signal on DSQIN has
expired (refer to
Figure 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com