Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LNBH25
Description  Selectable output current limit by external resistor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LNBH25 Datasheet HTML 8Page - STMicroelectronics LNBH25 Datasheet HTML 9Page - STMicroelectronics LNBH25 Datasheet HTML 10Page - STMicroelectronics LNBH25 Datasheet HTML 11Page - STMicroelectronics LNBH25 Datasheet HTML 12Page - STMicroelectronics LNBH25 Datasheet HTML 13Page - STMicroelectronics LNBH25 Datasheet HTML 14Page - STMicroelectronics LNBH25 Datasheet HTML 15Page - STMicroelectronics LNBH25 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Pin configuration
LNBH25
12/34
Doc ID 022433 Rev 4
Pin n°
Symbol
Name
Pin function
18
BPSW
Switch control
To be connected to an external transistor to be used to bypass the
output RL filter needed in DiSEqC 2.x applications during the
DiSEqC transmitting mode (see
Section 5). Set to ground if not
used. Open drain pin.
19
DETIN
Tone detector
input
22 kHz tone decoder input open drain pin, must be AC coupled to
the DiSEqC 2.0 bus. Set to ground if not used.
20
VOUT
LNB output port
Output of the integrated very low drop linear regulator. See
Table 14
for voltage selections and description.
21
VUP
Step-up voltage
Input of the linear post-regulator. The voltage on this pin is
monitored by the internal step-up controller to keep a minimum
dropout across the linear pass transistor.
22
DSQIN
DSQIN for
DiSEqC envelope
input
or
External 22 kHz
TTL input
It can be used as DiSEqC envelope input or external 22 kHz TTL
input depending on the EXTM I²C bit setting as follows:
EXTM=0, TEN=1: it accepts the DiSEqC envelope code from the
main microcontroller. The LNBH25 uses this code to modulate the
internally generated 22 kHz carrier.
If EXTM=TEN=1: it accepts external 22 kHz logic signals which
activate the 22 kHz tone output (refer to
Section 2.3).
Pull-up high if the tone output is activated only by the TEN I²C bit.
23
DSQOUT
DiSEqC output
Open drain output of the tone detector to the main microcontroller
for DiSEqC 2.0 data decoding. It is low when tone is detected to the
DETIN input pin. Set to ground if not used.
Epad
Epad
Exposed pad
To be connected with power grounds and to the ground layer
through vias to dissipate the heat.
1, 5, 10, 11,
12, 13, 14, 24
N.C.
Not internally
connected
Not internally connected pins. These pins can be connected to GND
to improve thermal performances.
Table 2.
Pin description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com