Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH30 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LNBH30
Description  Selectable output current limit by external resistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH30 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LNBH30 Datasheet HTML 5Page - STMicroelectronics LNBH30 Datasheet HTML 6Page - STMicroelectronics LNBH30 Datasheet HTML 7Page - STMicroelectronics LNBH30 Datasheet HTML 8Page - STMicroelectronics LNBH30 Datasheet HTML 9Page - STMicroelectronics LNBH30 Datasheet HTML 10Page - STMicroelectronics LNBH30 Datasheet HTML 11Page - STMicroelectronics LNBH30 Datasheet HTML 12Page - STMicroelectronics LNBH30 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
LNBH30
Pin configuration
DocID023739 Rev 2
9/27
3
Pin configuration
Figure 2: Pin connections (top view)
Table 2: Pin description
Pin
Symbol
Name
Pin function
2
PGND
Power ground
DC-DC converter power ground. To be connected directly to the
exposed pad
3
RES
Reserved
Reserved pin. To be left floating. Do not connect to GND
5
ADDR
Address setting
Two I
2C bus addresses available by setting the address pin level
voltage. See Table 11: "Address pin characteristics"
6
SCL
Serial clock
Clock from I²C bus
7
SDA
Serial data
Bi-directional data from/to I²C bus
8
ISEL
Current
selection
The resistor “RSEL” connected between ISEL and GND defines the
linear regulator current limit threshold. Refer to Section 2.1: "Output
current limit selection"
9
GND
Analog ground
Analog circuit ground. To be connected directly to the exposed pad
10
BYP
Bypass
capacitor
Needed for internal pre-regulator filtering. The BYP pin is intended to
connect an external ceramic capacitor only. Any connection of this pin
to external current or voltage sources may cause permanent damage
to the device
12
VCC
Supply input
10 to 17.5 V IC DC-DC power supply
13
VOUT
LNB output port
Output of the integrated very low drop linear regulator. See Table 8:
"Output voltage selection (data register, write mode)"
14
VUP
Step-up voltage
Input of linear post-regulator. The voltage on this pin is monitored by
the internal step-up controller to keep a minimum dropout across the
linear pass transistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com