Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH30 Datasheet(PDF) 20 Page - STMicroelectronics

Part # LNBH30
Description  Selectable output current limit by external resistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH30 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LNBH30 Datasheet HTML 16Page - STMicroelectronics LNBH30 Datasheet HTML 17Page - STMicroelectronics LNBH30 Datasheet HTML 18Page - STMicroelectronics LNBH30 Datasheet HTML 19Page - STMicroelectronics LNBH30 Datasheet HTML 20Page - STMicroelectronics LNBH30 Datasheet HTML 21Page - STMicroelectronics LNBH30 Datasheet HTML 22Page - STMicroelectronics LNBH30 Datasheet HTML 23Page - STMicroelectronics LNBH30 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Electrical characteristics
LNBH30
20/27
DocID023739 Rev 2
8
Electrical characteristics
Refer to Section 5: "Typical application circuits", TJ from 0 to 85 °C, data register bits set to
0 except VSEL0 = 1, RSEL = 16.2 kΩ, V
IN = 12 V, IOUT = 50 mA, unless otherwise stated.
Typical values are referred to TJ = 25 °C. VOUT= VOUT pin voltage. See Section 7: "I²C
interface protocol".
Table 9: Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Supply voltage
10
12
17.5
V
IIN
Supply current
IOUT = 0 mA
6
mA
VSEL0=VSEL1=VSEL2=0
1
VOUT
Output voltage total
accuracy
Valid at any VOUT selected
level
-3.5
+3.5
%
VOUT
Line regulation
VIN = 8 to 16 V
40
mV
VOUT
Load regulation
IOUT from 50 to 500 mA
100
IMAX
Output current limiting
thresholds
RSEL = 16.2 kΩ
500
650
750
mA
RSEL = 22 kΩ
350
550
ISC
Output short-circuit
current
RSEL = 16.2 kΩ
400
mA
SS
Soft-start time
VOUT from 0 to 11.8 V
4
ms
SS
Soft-start time
VOUT from 0 to 15 V
5
ms
T11-15
Soft transition rise
time
VOUT from 11.8 V to 15 V
1.5
ms
T15-11
Soft transition fall
time
VOUT from 15 V to 11.8 V
1.5
ms
TOFF
Dynamic overload
protection off-time
Output shorted
900
ms
TON
Dynamic overload
protection on-time
Output shorted
TOFF/10
EffDC/DC
DC-DC converter
efficiency
IOUT = 500 mA
93
%
FSW
DC-DC converter
switching frequency
440
kHz
UVLO
Undervoltage lockout
thresholds
UVLO threshold rising
4.8
V
UVLO threshold falling
4.7
VLPD
Low power diagnostic
(LPD) thresholds
VLPD threshold rising
7.2
V
VLPD threshold falling
6.7
IOBK
Output backward
current
All VSELx = 0, VOBK = 30 V
-3
-6
mA
ISINK
Output low-side sink
current
VOUT forced at VOUT_NOM + 0.1
V
50
mA
ISINK_TIME-OUT
Low-side sink current
timeout
VOUT forced at VOUT_NOM + 0.1
V, PDO I²C bit is set to 1 after
this time has elapsed
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com