Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH30 Datasheet(PDF) 21 Page - STMicroelectronics

Part # LNBH30
Description  Selectable output current limit by external resistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH30 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LNBH30 Datasheet HTML 17Page - STMicroelectronics LNBH30 Datasheet HTML 18Page - STMicroelectronics LNBH30 Datasheet HTML 19Page - STMicroelectronics LNBH30 Datasheet HTML 20Page - STMicroelectronics LNBH30 Datasheet HTML 21Page - STMicroelectronics LNBH30 Datasheet HTML 22Page - STMicroelectronics LNBH30 Datasheet HTML 23Page - STMicroelectronics LNBH30 Datasheet HTML 24Page - STMicroelectronics LNBH30 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
LNBH30
Electrical characteristics
DocID023739 Rev 2
21/27
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IREV
Max. reverse current
VOUT forced at VOUT_NOM + 0.1
V, after PDO bit is set to 1
(ISINK_TIME-OUT elapsed)
2
mA
TSHDN
Thermal shutdown
threshold
150
°C
ΔTSHDN
Thermal shutdown
hysteresis
15
°C
TJ from 0 to 85 °C, VI = 12 V
Table 10: I
2C electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Low level input
voltage
SDA, SCL
0.8
V
VIH
High level input
voltage
SDA, SCL
2
IIN
Input current
SDA, SCL VIN = 0.4 to 4.5 V
-10
10
µA
VOL
Low level output
voltage
SDA (open drain), IOL = 6 mA
0.6
V
FMAX
Maximum clock
frequency
SCL
400
kHz
TJ from 0 to 85 °C, VI = 12 V
Table 11: Address pin characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VADDR-1
“0001000(R/W)”
address pin voltage
range
R/W bit determines the
transmission mode: read
(R/W=1) write (R/W=0)
0
0.8
V
VADDR-2
“0001001(R/W)”
address pin voltage
range
R/W bit determines the
transmission mode: read
(R/W=1) write (R/W=0)
2
5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com