Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH30 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LNBH30
Description  Selectable output current limit by external resistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH30 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LNBH30 Datasheet HTML 8Page - STMicroelectronics LNBH30 Datasheet HTML 9Page - STMicroelectronics LNBH30 Datasheet HTML 10Page - STMicroelectronics LNBH30 Datasheet HTML 11Page - STMicroelectronics LNBH30 Datasheet HTML 12Page - STMicroelectronics LNBH30 Datasheet HTML 13Page - STMicroelectronics LNBH30 Datasheet HTML 14Page - STMicroelectronics LNBH30 Datasheet HTML 15Page - STMicroelectronics LNBH30 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Typical application circuits
LNBH30
12/27
DocID023739 Rev 2
5
Typical application circuits
Figure 3: Application circuit
Table 5: Typical application circuit bill of material
Component
Notes
C1
> 25 V electrolytic capacitor, 100 µF or higher is suitable
or
> 25 V ceramic capacitor, 10 µF or higher is suitable
C2
With COMP = 0, > 25 V electrolytic capacitor, 100 µF or higher is suitable
or
with COMP = 1, > 35 V ceramic capacitor, 22 µF (or 2 x 10 µF) or higher is
suitable
C3
2.2 µF ceramic capacitor placed as close as possible to VUP pins. Higher
values allow lower DC-DC noise
C5
From 100 nF to 220 nF ceramic capacitor. Higher values allow lower DC-DC
noise
C4, C6
220 nF ceramic capacitors
D1
STPS130A or similar Schottky diode
D2
1N4001-07, S1A-S1M, or any similar general purpose rectifier
D3
BAT54, BAT43, 1N5818, or any low power Schottky diode with IF(AV) > 0.2
A, VRRM > 25 V, VF < 0.5 V. To be placed as close as possible to VOUT pin
D2
to LNB
VOUT
LNBH30
C5
ADDR
SCL
SDA
7
6
5
ISEL
R1 (RSEL)
8
BYP
C6
10
13
P-GND
GND
2
9
D3
L1
C3
V
IN
12 V
LX
VUP
C4
D1
C1
VCC
16
C2
12
FB1 (*)
14
GIPG0902150933LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com