Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH30 Datasheet(PDF) 13 Page - STMicroelectronics

Part # LNBH30
Description  Selectable output current limit by external resistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH30 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LNBH30 Datasheet HTML 9Page - STMicroelectronics LNBH30 Datasheet HTML 10Page - STMicroelectronics LNBH30 Datasheet HTML 11Page - STMicroelectronics LNBH30 Datasheet HTML 12Page - STMicroelectronics LNBH30 Datasheet HTML 13Page - STMicroelectronics LNBH30 Datasheet HTML 14Page - STMicroelectronics LNBH30 Datasheet HTML 15Page - STMicroelectronics LNBH30 Datasheet HTML 16Page - STMicroelectronics LNBH30 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
LNBH30
Typical application circuits
DocID023739 Rev 2
13/27
Component
Notes
L1
With COMP=0, use 10 µH inductor with ISAT > IPEAK where IPEAK is the boost
converter peak current
or
with COMP=1 and C2 = 22 µF, use 6.8 µH inductor with ISAT > IPEAK where
IPEAK is the boost converter peak current
FB1
Optional. Ferrite bead to be added if lower DC-DC noise is required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com