Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH30 Datasheet(PDF) 22 Page - STMicroelectronics

Part # LNBH30
Description  Selectable output current limit by external resistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH30 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LNBH30 Datasheet HTML 18Page - STMicroelectronics LNBH30 Datasheet HTML 19Page - STMicroelectronics LNBH30 Datasheet HTML 20Page - STMicroelectronics LNBH30 Datasheet HTML 21Page - STMicroelectronics LNBH30 Datasheet HTML 22Page - STMicroelectronics LNBH30 Datasheet HTML 23Page - STMicroelectronics LNBH30 Datasheet HTML 24Page - STMicroelectronics LNBH30 Datasheet HTML 25Page - STMicroelectronics LNBH30 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Electrical characteristics
LNBH30
22/27
DocID023739 Rev 2
Refer to Section 5: "Typical application circuits", TJ from 0 to 85 °C, data register bits set to
“0”, RSEL = 16.2 kΩ, DSQIN = low, V
IN = 12 V, IOUT = 50 mA, unless otherwise stated.
Typical values are referred to TJ = 25 °C. VOUT = VOUT pin voltage.
Table 12: Output voltage diagnostic (VMON bit, status register) characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VTH-L
Diagnostic low threshold at
VOUT = 11.8 V
VSEL0 = 1, VSEL1 = VSEL2 =0
80
90
95
%
VTH-L
Diagnostic low threshold at
VOUT = 15 V
VSEL1=0, VSEL0 = VSEL2 = 1
80
90
95
%
If the output voltage is lower than the min. value the VMON I²C bit is set to 1.
If VMON=0 then VOUT > 80% of VOUT (typ.)
If VMON=1 then VOUT < 95% of VOUT (typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com