Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH30 Datasheet(PDF) 18 Page - STMicroelectronics

Part # LNBH30
Description  Selectable output current limit by external resistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH30 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LNBH30 Datasheet HTML 14Page - STMicroelectronics LNBH30 Datasheet HTML 15Page - STMicroelectronics LNBH30 Datasheet HTML 16Page - STMicroelectronics LNBH30 Datasheet HTML 17Page - STMicroelectronics LNBH30 Datasheet HTML 18Page - STMicroelectronics LNBH30 Datasheet HTML 19Page - STMicroelectronics LNBH30 Datasheet HTML 20Page - STMicroelectronics LNBH30 Datasheet HTML 21Page - STMicroelectronics LNBH30 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
I²C interface protocol
LNBH30
18/27
DocID023739 Rev 2
Bit
Name
Value
Description
Bit 5
N/A
0
Bit 6
N/A
0
Bit
7(MSB)
N/A
0
N/A=reserved bit
All bits reset to "0" at power-on
7.4
Status registers
The status register can be only addressed to read mode and provides the diagnostic
functions described in the following tables.
Table 7: Status (read register, register address = 0x0)
Bit
Name
Value
Description
Bit 0 (LSB)
OLF
1
Output short-circuit or VOUT pin overload
protection has been triggered (IOUT > IMAX)
0
No overload protection has been triggered to
VOUT pin (IOUT < IMAX)
Bit 1
OTF
1
Junction overtemperature is detected, TJ > 150 °C
0
Junction overtemperature is not detected, TJ <
135 °C. TJ is below thermal protection threshold
Bit 2
VMON
1
Output voltage (VOUT pin) lower than VMON
specification thresholds. Refer to Table 9:
"Electrical characteristics"
0
Output voltage (VOUT pin) is within the VMON
specifications
Bit 3
PNG
1
Input voltage (VCC pin) lower than LPD minimum
thresholds. Refer to Table 9: "Electrical
characteristics"
0
Input voltage (VCC pin) higher than LPD minimum
thresholds. Refer to Table 9: "Electrical
characteristics"
Bit 4
PDO
1
Overcurrent detected on output pull-down stage
for a time longer than the deglitch period. This
may happen due to an external voltage source
present on the LNB output (VOUT pin)
0
No overcurrent detected on output pull-down
stage
Bit 5
N/A
-
Reserved
Bit 6
N/A
-
Bit 7 (MSB)
N/A
-
N/A = reserved bit
All bits reset to 0 at power-on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com