Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH30 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LNBH30
Description  Selectable output current limit by external resistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH30 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LNBH30 Datasheet HTML 10Page - STMicroelectronics LNBH30 Datasheet HTML 11Page - STMicroelectronics LNBH30 Datasheet HTML 12Page - STMicroelectronics LNBH30 Datasheet HTML 13Page - STMicroelectronics LNBH30 Datasheet HTML 14Page - STMicroelectronics LNBH30 Datasheet HTML 15Page - STMicroelectronics LNBH30 Datasheet HTML 16Page - STMicroelectronics LNBH30 Datasheet HTML 17Page - STMicroelectronics LNBH30 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
I²C bus interface
LNBH30
14/27
DocID023739 Rev 2
6
I²C bus interface
Data transmission from the main microprocessor to the LNBH30 and vice versa takes place
through the 2-wire I²C bus interface, consisting of the 2-line SDA and SCL (pull-up resistors
must be externally connected to positive supply voltage).
6.1
Data validity
As shown in Figure 4: "Data validity on the I²C bus", the data on the SDA line must be
stable during the high semi-period of the clock. The HIGH and LOW state of the data line
can only change when the clock signal on the SCL line is LOW.
6.2
Start and stop condition
As shown in Figure 5: "Timing diagram of I²C bus", a start condition is a HIGH to LOW
transition of the SDA line while SCL is HIGH. The stop condition is a LOW to HIGH
transition of the SDA line while SCL is HIGH. A STOP condition must be sent before than
each START condition.
6.3
Byte format
Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by
an acknowledge bit. The MSB is transferred first.
6.4
Acknowledge
The master (microprocessor) puts a resistive HIGH level on the SDA line during the
acknowledge clock pulse (see Figure 6: "Acknowledge on the I²C bus"). The peripheral
(LNBH30), which acknowledges, must pull down (LOW) the SDA line during the
acknowledge clock pulse, so that the SDA line is stable LOW during this clock pulse. The
peripheral, which has been addressed, must generate acknowledge after the reception of
each byte, otherwise the SDA line remains at the HIGH level during the nin
th clock pulse
time. In this case the master transmitter can generate the STOP information in order to
abort the transfer. The LNBH30 does not generate acknowledge if the VCC supply is below
the undervoltage lockout threshold (4.7 V typ.).
6.5
Transmission without acknowledge
If detection of the acknowledge of the LNBH30 is not required, the microprocessor can use
a simpler transmission: it simply waits for one clock without checking the slave
acknowledging, and sends the new data. This approach is of course less protected from
misworking and decreases noise immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com