Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH30 Datasheet(PDF) 17 Page - STMicroelectronics

Part # LNBH30
Description  Selectable output current limit by external resistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH30 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LNBH30 Datasheet HTML 13Page - STMicroelectronics LNBH30 Datasheet HTML 14Page - STMicroelectronics LNBH30 Datasheet HTML 15Page - STMicroelectronics LNBH30 Datasheet HTML 16Page - STMicroelectronics LNBH30 Datasheet HTML 17Page - STMicroelectronics LNBH30 Datasheet HTML 18Page - STMicroelectronics LNBH30 Datasheet HTML 19Page - STMicroelectronics LNBH30 Datasheet HTML 20Page - STMicroelectronics LNBH30 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
LNBH30
I²C interface protocol
DocID023739 Rev 2
17/27
Figure 8: Example of reading procedure starting with first status address 0x0
ACK = acknowledge
S = start
P = stop
R/W = 1/0, read/write bit
X = 0/1, sets the values to select the chip address and to select the register address (0x0
for status register and 0x1 for data register)
The reading procedure can start from any register address (status or data) by
simply setting the X values in the register address byte (after the first chip address
in the above figure). It can be also stopped by the master by sending a stop
condition after any acknowledge bit.
7.3
Data registers
The data register can be addressed both to write and read mode. In read mode it returns
the last writing byte status received in the previous write transmission.
The following table provides the data register values and a function description of
each bit.
Table 6: Data (read/write register, register address = 0x1)
Bit
Name
Value
Description
Bit 0
(LSB)
VSEL0
0/1
Output voltage selection bits
Bit 1
VSEL1
0/1
Bit 2
VSEL2
0/1
Bit 3
COMP
0/1
DC-
DC converter internal compensation: set to “0” to use standard
ESR capacitors (VUP pin)
Set to “1” to use very low ESR capacitors or ceramic caps (VUP pin)
Bit 4
N/A
0
Reserved. Keep to “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com