Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM6675
Description  Very fast load transient response using constant on-time control loop
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM6675 Datasheet HTML 5Page - STMicroelectronics PM6675 Datasheet HTML 6Page - STMicroelectronics PM6675 Datasheet HTML 7Page - STMicroelectronics PM6675 Datasheet HTML 8Page - STMicroelectronics PM6675 Datasheet HTML 9Page - STMicroelectronics PM6675 Datasheet HTML 10Page - STMicroelectronics PM6675 Datasheet HTML 11Page - STMicroelectronics PM6675 Datasheet HTML 12Page - STMicroelectronics PM6675 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PM6675
Electrical characteristics
9/47
4
Electrical characteristics
VIN = 12V; TA = 0°C to 85°C, VCC = AVCC = +5V, LIN = 1.5V and LOUT = 0.9V
(if not otherwise specified)
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Values
Unit
Min
Typ
Max
Supply section
VIN
Input voltage range
4.5
28
V
VAVCC
IC supply voltage
4.5
5.5
VVCC
IC supply voltage
4.5
5.5
IIN
Operating current
(Switching + LDO)
SWEN, LEN, VSEL and
NOSKIP connected to AVCC,
No load on LOUT output.
2
mA
ISW
Operating current (Switching)
SWEN, VSEL and NOSKIP
connected to AVCC, LEN
connected to SGND.
1
ISHDN
Shutdown operating current
SWEN and LEN tied to SGND.
10
µA
UVLO
AVCC under voltage lockout
upper threshold
4.1
4.25
4.4
V
AVCC under voltage lockout
upper threshold
3.9
4.0
4.1
UVLO hysteresis
70
mV
ON-time (SMPS)
tON
On-time duration
VSELhigh,
and
NOSKIP low,
VVSNS = 2V
VOSC=300mV
550
630
710
ns
VOSC=500mV
330
380
430
OFF-time (SMPS)
tOFFMIN
Minimum OFF-time
300
350
ns
Voltage reference
Voltage accuracy
4.5V< VIN < 25V
1.224
1.237
1.249
V
Load regulation
-50µA< IVREF < 50µA
-4
4
mV
Undervoltage Lockout Fault
Threshold
800
SMPS output
VOUT
SMPS fixed output voltage (1)
VSEL connected to AVCC,
NOSKIP tied to SGND, No Load
1.5
V
Output voltage accuracy (1)
-1.5
1.5
%
1. Guaranteed by design. Not production tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com