Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675 Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM6675
Description  Very fast load transient response using constant on-time control loop
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM6675 Datasheet HTML 8Page - STMicroelectronics PM6675 Datasheet HTML 9Page - STMicroelectronics PM6675 Datasheet HTML 10Page - STMicroelectronics PM6675 Datasheet HTML 11Page - STMicroelectronics PM6675 Datasheet HTML 12Page - STMicroelectronics PM6675 Datasheet HTML 13Page - STMicroelectronics PM6675 Datasheet HTML 14Page - STMicroelectronics PM6675 Datasheet HTML 15Page - STMicroelectronics PM6675 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
PM6675
12/47
Symbol
Parameter
Test condition
Values
Unit
Min
Typ
Max
Power management section
VVTHVSEL
VSEL pin thresholds
Fixed mode
VAVCC
-0.7
V
Adjustable mode
VAVCC
-1.3
VVTHNOSKIP NOSKIP pin thresholds¹
Forced-PWM mode
VAVCC
-0.8
No-audible mode
1.0
VAVCC
-1.5
Pulse-skip mode
0.5
VVTHLILIM
LILIM pin thresholds¹
±2A LDO current limit
VAVCC
-0.8
±1A LDO current limit
0.5
IIN,LEAK
Logic input leakage current (1) LEN, SWEN and LILIM = 5V
10
µA
IIN3,LEAK
Multilevel input leakage
current (1)
VSEL and NOSKIP = 5V
10
IOSC,LEAK
VOSC pin leakage current (1)
VOSC = 1V
1
Thermal shutdown
TSHDN
Shutdown temperature¹
150
°C
1.
Guaranteed by design. Not production tested
Table 4. Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com