Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675 Datasheet(PDF) 27 Page - STMicroelectronics

Part # PM6675
Description  Very fast load transient response using constant on-time control loop
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PM6675 Datasheet HTML 23Page - STMicroelectronics PM6675 Datasheet HTML 24Page - STMicroelectronics PM6675 Datasheet HTML 25Page - STMicroelectronics PM6675 Datasheet HTML 26Page - STMicroelectronics PM6675 Datasheet HTML 27Page - STMicroelectronics PM6675 Datasheet HTML 28Page - STMicroelectronics PM6675 Datasheet HTML 29Page - STMicroelectronics PM6675 Datasheet HTML 30Page - STMicroelectronics PM6675 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PM6675
Device description
27/47
6.1.7
Switching section Power-Good signal
The SPG pin is an open drain output used to monitor output voltage through VSNS (in fixed
output voltage mode) or VSEL (in adjustable output voltage mode) pins and is enabled after
the soft-start timer has expired. The SPG signal is held low if the output voltage drops 10%
below or rises 10% above the nominal regulated value. The SPG output can sink current up
to 4mA.
6.1.8
Switching section output discharge
Active soft-end of the output occurs when the SWEN (SWitching ENable) is forced low.
When the switching section is turned off, an internal 25
Ω resistor discharges the output
through the VSNS pin.
Figure 15. Switching section Soft-End
Figure 14. Soft-start at heavy load (a) and short-circuit (b) conditions, Pulse-Skip enabled
(a)
(b)
SWEN
VOUT
Resistive Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com