Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675 Datasheet(PDF) 31 Page - STMicroelectronics

Part # PM6675
Description  Very fast load transient response using constant on-time control loop
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PM6675 Datasheet HTML 27Page - STMicroelectronics PM6675 Datasheet HTML 28Page - STMicroelectronics PM6675 Datasheet HTML 29Page - STMicroelectronics PM6675 Datasheet HTML 30Page - STMicroelectronics PM6675 Datasheet HTML 31Page - STMicroelectronics PM6675 Datasheet HTML 32Page - STMicroelectronics PM6675 Datasheet HTML 33Page - STMicroelectronics PM6675 Datasheet HTML 34Page - STMicroelectronics PM6675 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PM6675
Device description
31/47
Figure 18. Maximum LDO source able output current vs input voltage
6.2.2
LDO Section Soft-Start
The LDO section Soft-Start is performed by clamping the current limit. During startup, the
LDO current limit voltage is set to 1A and the output voltage increases linearly. When the
output voltage rises above 90% of the nominal value, the current limit is released to 2A
according to the LILIM pin setting. At the end of the ramp-up phase of the Soft-Start, the
LPG signal is masked for about 100
µs in order to ignore dynamic overshoot on the feedback
pin.
6.2.3
LDO Section Power-Good signal
The LPG pin is an open drain output used to monitor the LDO output voltage through LFB
pin.
The LPG signal is held low if the output voltage drops 10% below or rises 10% above the
nominal regulated value. The LPG output can sink current up to 4mA.
6.2.4
LDO Section output discharge
Active soft-end of the LDO output occurs when the LEN (Linear ENable) is forced low. When
the LDO section is turned off, an internal 25
Ω resistor, directly connected to the LOUT pin,
discharges the output.
Figure 19. LDO section Soft-End
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VLIN [V]
VOUT=1.05V
VOUT=1.2V
VOUT=1.5V
VOUT=1.8V
VOUT=2.0V
VOUT=2.2V
VOUT=2.5V
VOUT=3.3V
LEN
VLDO
Resistive Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com