Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675 Datasheet(PDF) 30 Page - STMicroelectronics

Part # PM6675
Description  Very fast load transient response using constant on-time control loop
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PM6675 Datasheet HTML 26Page - STMicroelectronics PM6675 Datasheet HTML 27Page - STMicroelectronics PM6675 Datasheet HTML 28Page - STMicroelectronics PM6675 Datasheet HTML 29Page - STMicroelectronics PM6675 Datasheet HTML 30Page - STMicroelectronics PM6675 Datasheet HTML 31Page - STMicroelectronics PM6675 Datasheet HTML 32Page - STMicroelectronics PM6675 Datasheet HTML 33Page - STMicroelectronics PM6675 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Device description
PM6675
30/47
A compensation capacitor Cc must be added to adjust the dynamic response of the loop.
The value of Cc is calculated according to the desired bandwidth of the LDO regulator and
depends on the value of the feedback resistors. In most of applications the pole due to the
compensation capacitor is placed at 100-200kHz (equation 24).
Equation 24
The LIN input can be connected to the switching section output for compact solutions or to a
lower supply, if available in the system, in order to reduce the power dissipation of the LDO.
A minimum output capacitance of 20
µF (2x10µF MLCC capacitors) is enough to assure
stability and fast load transient response.
6.2.1
LDO Section current limit
The LDO regulator can handle up to ±2Apk, depending on the LDO input voltage and the
LILIM pin setting. The output current is limited to ±1A or ±2A if the LILIM pin is connected to
SGND or AVCC respectively (Figure 17).
Figure 17. LDO current limit setting
The maximum current that the LDO can source depends also on the input and output
voltages. Due to the high side MOSFET of the output stage, the LDO cannot source the limit
current at high output voltages. In Figure 18 it is shown the maximum current that the LDO
can source as function of the input and output voltages. For output voltages higher than 2V,
the maximum output current is limited as reported.
kHz
200
C
)
20
R
19
R
(
2
1
f
C
p
=
⋅
⊕
π
=
PM6675
LILIM
+5V
±2A CL
±1A CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com