Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675 Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM6675
Description  Very fast load transient response using constant on-time control loop
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM6675 Datasheet HTML 10Page - STMicroelectronics PM6675 Datasheet HTML 11Page - STMicroelectronics PM6675 Datasheet HTML 12Page - STMicroelectronics PM6675 Datasheet HTML 13Page - STMicroelectronics PM6675 Datasheet HTML 14Page - STMicroelectronics PM6675 Datasheet HTML 15Page - STMicroelectronics PM6675 Datasheet HTML 16Page - STMicroelectronics PM6675 Datasheet HTML 17Page - STMicroelectronics PM6675 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Device description
PM6675
14/47
6
Device description
The PM6675 combines a single high efficiency step-down controller and an independent
Low Drop-Out (LDO) linear regulator in the same package.
The switching controller section is a high-performance, pseudo-fixed frequency, Constant-
On-Time (COT) based regulator specifically designed for handling fast load transient over a
wide range of input voltages.
The switching section output can be easily set to a fixed 1.5V voltage without additional
components or adjusted in the 0.6V to 3.3V range using an external resistor divider. The
Switching Mode Power Supply (SMPS) can handle different modes of operation in order to
minimize noise or power consumption, depending on the application needs. Selectable low-
consumption and low-noise modes allow the highest efficiency and a 33kHz minimum
switching frequency respectively at light loads.
A loss less current sensing scheme, based on the Low-Side MOSFET's turn-on resistance,
avoids the need for an external sensing resistor.
The input of the LDO can be either the switching section output or a lower voltage rail in
order to reduce the total power dissipation. Linear regulator stability is achieved by filtering
its output with a ceramic capacitor (20
µF or greater). The LDO linear regulator can sink and
source up to 2Apk.
Two fixed current limit (±1A-±2A) can be chosen.
An active Soft-End is independently performed on both the switching and the linear
regulators outputs when disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com